Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MPZ2012S601ATD25

  • AI
    The **MPZ2012S601ATD25** is a high-performance chip bead manufactured by TDK. It is specifically designed for noise suppression (EMI filtering) in power lines. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Impedance at 100MHz** | 600 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.1 $\Omega$ | | **Rated Current (Max)** | 2.0 A | | **Operating Temperature** | -55°C to +125°C | | **Case Size (EIA/Metric)** | 0805 / 2012 | | **Dimensions (L x W x T)** | 2.0mm x 1.25mm x 0.85mm | --- ### 2. Detailed Component Breakdown #### A. Series Functionality (MPZ Series) The "MPZ" series indicates that this is a **Multilayer Chip Bead** designed for power line applications. Unlike standard signal beads, MPZ series parts are engineered to have low DC resistance to handle higher currents without significant power loss or overheating. #### B. Impedance Characteristics At low frequencies, this part acts as a conductor with very low resistance. However, at high frequencies (specifically around 100MHz), it provides an impedance of **600 Ohms**. This converts high-frequency electromagnetic interference (EMI) noise into heat, effectively filtering it out of the circuit. #### C. Part Number Nomenclature The part number can be decoded as follows: * **MPZ**: Multilayer Power Chip Bead. * **2012**: Dimensions (2.0mm length x 1.25mm width). * **S**: Standard material type (for general noise suppression). * **601**: Impedance value (60 followed by one zero = 600 $\Omega$). * **A**: Internal code/Characteristic. * **T**: Taping (Packaging style). * **D25**: Specific internal characteristic or tolerance rating. --- ### 3. Common Applications Due to its high current rating (2A) and compact 0805 size, it is commonly used in: 1. **Consumer Electronics:** Smartphones, tablets, and laptops. 2. **Power Supplies:** DC-DC converters and battery management systems. 3. **Industrial Equipment:** Noise filtering on power distribution boards. 4. **Automotive:** (If qualified) for infotainment and control systems. --- ### 4. Comparison with Standard Inductors Unlike a standard inductor which stores energy, this chip bead is **dissipative**. * **Inductor:** Reflects noise back to the source. * **Chip Bead (MPZ):** Absorbs high-frequency noise and dissipates it as a negligible amount of heat, preventing resonance issues in the power line.
    ✨ Follow-up Questions
    • ⤷ How does the DC resistance of this bead affect power efficiency?
    • ⤷ What is the difference between the MPZ and MMZ series from TDK?
    • ⤷ Can this part be used in high-speed data lines instead of power lines?