Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MSM586SL

  • AI
    The **MSM586SL** is a CMOS Real-Time Clock (RTC) and calendar integrated circuit, originally manufactured by **OKI Semiconductor** (now Lapis Technology). It was widely used in legacy computing systems, communication equipment, and industrial controllers to maintain time and date information even when the main system power was off. --- ## 1. Technical Specifications The MSM586SL is characterized by its low power consumption and simple interface. | Feature | Specification | | :--- | :--- | | **Technology** | CMOS | | **Function** | Real-Time Clock / Calendar | | **Operating Voltage** | 2.0V to 6.0V (Standard 5V) | | **Clock Frequency** | 32.768 kHz (Crystal controlled) | | **Interface** | 4-bit Parallel (Address/Data) | | **Package Options** | 18-pin DIP or 24-pin SOP | | **Backup Current** | Typically < 10µA | --- ## 2. Key Internal Components The internal architecture of the chip is designed to manage timekeeping with minimal CPU overhead. ### A. Oscillator Circuit The chip features a built-in inverter for a crystal oscillator. It requires an external **32.768 kHz** crystal and two capacitors to generate the base timing frequency. ### B. Register Array The chip contains several registers used to store and access time data: * **Time Units:** Seconds, Minutes, Hours. * **Date Units:** Day of the week, Day of the month, Month, Year. * **Leap Year:** Automatic adjustment for leap years. ### C. Control Logic * **HOLD Pin:** Freezes the internal counters from updating the registers while the CPU is reading them, ensuring data consistency. * **CS (Chip Select):** Enables the chip for communication. * **READ/WRITE Control:** Standard lines for interacting with the 4-bit data bus. --- ## 3. Pinout Description (Typical 18-Pin DIP) Below is a summary of the most critical pins: | Pin Name | Description | | :--- | :--- | | **D0 - D3** | 4-bit bidirectional data bus. | | **A0 - A3** | 4-bit address bus to select specific time/date registers. | | **XT / XT-bar** | Connections for the 32.768 kHz quartz crystal. | | **CS** | Chip Select (Active Low). | | **RD / WR** | Read and Write enable signals. | | **Vcc / GND** | Power supply (usually 5V) and Ground. | --- ## 4. Operational Characteristics 1. **Timekeeping:** It tracks time in 12-hour or 24-hour formats. 2. **Accuracy:** Accuracy is entirely dependent on the quality and temperature stability of the external 32.768 kHz crystal. 3. **Low Power Mode:** When the system power fails, the chip can switch to a battery backup (usually a 3V button cell) and continue counting time due to its CMOS design. --- ## 5. Typical Applications * **Vintage PC Motherboards:** Used in early 286/386 era clones. * **Telephony:** PBX systems and digital desk phones for time-stamping calls. * **Industrial Logging:** Basic PLC or data loggers requiring time-stamps.
    ✨ Follow-up Questions
    • ⤷ What is the command sequence to read time from the MSM586SL registers?
    • ⤷ How does the MSM586SL handle leap year calculations?
    • ⤷ What are the modern replacements or equivalents for this legacy RTC chip?