Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MT-059

  • AI
    The **MT-059** (commonly associated with the **M059** series) typically refers to a high-performance **Brushless DC (BLDC) Motor Controller**, often used in electric bicycles (e-bikes), scooters, and small EVs. It acts as the "brain" of the vehicle, managing the power flow from the battery to the motor. Below is a breakdown of the key electronic components and specifications typical of this module. --- ### 1. Key Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Voltage Range** | 36V / 48V (Auto-sensing or fixed) | | **Current Limit** | 15A - 22A (Depending on the specific sub-model) | | **Power Output** | 250W - 500W | | **Phase Angle** | 60° / 120° compatible | | **Under-voltage Protection** | 31V (for 36V) / 42V (for 48V) | --- ### 2. Core Electronic Parts The MT-059 consists of several critical internal and external interface components: #### A. Power MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) These are the most critical parts. They handle the high-current switching required to drive the motor phases. * **Function:** Act as high-speed switches to create the AC-like waveform needed for BLDC motors. * **Heat Dissipation:** These are usually bolted to the aluminum housing of the MT-059 which acts as a heat sink. #### B. Microcontroller Unit (MCU) The internal chip that processes logic. * **Function:** It reads inputs from the throttle and brake sensors, calculates the required speed, and sends PWM (Pulse Width Modulation) signals to the MOSFETs. #### C. Capacitors Usually large electrolytic capacitors. * **Function:** They stabilize the DC voltage from the battery, filtering out voltage spikes and ripples caused by high-frequency switching. #### D. Shunt Resistor A low-resistance wire or component inside the board. * **Function:** Measures the current flowing through the circuit to provide over-current protection and torque control. --- ### 3. Connection Interface (Wiring) The electronic functionality is distributed through a specific set of wires: 1. **Power Input:** Thick Red (+) and Black (-) wires for the battery. 2. **Motor Phases:** Three thick wires (usually Green, Yellow, Blue) to provide power to the motor. 3. **Hall Sensors:** A 5-pin connector that tracks the motor's rotor position for smooth startup. 4. **Throttle:** 3-pin connector (5V, Signal, Ground) to receive speed input from the rider. 5. **Brake Lever:** Cuts power to the motor immediately when the brake is applied. --- ### 4. Safety & Protection Features * **Over-current Protection:** Prevents the MOSFETs from burning out during uphill climbs or heavy loads. * **Low Voltage Cut-off:** Protects the Lithium battery from over-discharging, which can lead to permanent battery damage. * **Stall Protection:** If the motor is stuck, the controller cuts power to prevent heat buildup.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the MT-059 hall sensor connector?
    • ⤷ Can the MT-059 controller be used with a 60V battery system?
    • ⤷ How do I troubleshoot a 'no power' issue with this specific controller?