Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MV12T2AD-R

  • AI
    The **MV12T2AD-R** is a high-performance, non-isolated DC-DC point-of-load (POL) converter module. It is designed to step down a higher input voltage to a lower, regulated output voltage with high efficiency, typically used in telecommunications, data processing, and industrial applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MV12T2AD-R module: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 6.5V to 14V DC | | **Output Voltage Range** | 0.75V to 5.0V (Adjustable) | | **Output Current** | 12 Amperes (Max) | | **Efficiency** | Up to 94% | | **Switching Frequency** | ~300 kHz | | **Form Factor** | SMT (Surface Mount Technology) | --- ### 2. Functional Components & Features The module integrates several electronic sub-systems into a single compact package: * **PWM Controller:** The "brain" of the module that regulates the duty cycle to maintain a steady output voltage despite input fluctuations. * **Power MOSFETs:** High-frequency switching transistors that handle the power conversion process. * **Integrated Inductor:** Reduces electromagnetic interference (EMI) and saves PCB space. * **Protection Circuitry:** * **Over-Current Protection (OCP):** Prevents damage during short circuits. * **Over-Temperature Protection (OTP):** Shuts down the device if it exceeds safe thermal limits. * **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is sufficient. --- ### 3. Pin Configuration Overview Typical for this series, the pins serve the following functions: 1. **Vin:** Positive input supply. 2. **GND:** Common ground for input and output. 3. **Vout:** Regulated output voltage. 4. **Trim:** Used to adjust the output voltage by connecting an external resistor to GND. 5. **PGOOD (Power Good):** An open-drain signal indicating the output is within regulation. 6. **Remote On/Off:** Allows the system to enable or disable the converter via logic signals. --- ### 4. Typical Application Circuit When designing with the MV12T2AD-R, external capacitors are required to minimize ripple: ```cpp // Schematic Concept [Input 12V] ---- [C_in: 22uF Ceramic] ---- (Vin Pin) | [MV12T2AD-R] -- (Trim Pin) -- [R_trim] -- GND | [Output 3.3V] --- [C_out: 47uF Ceramic] -- (Vout Pin) ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor value for the Trim pin to set a specific voltage?
    • ⤷ What are the thermal derating requirements for this module at high temperatures?
    • ⤷ Can this module be used in parallel for higher current requirements?