Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MV22T2AD-R

  • AI
    The **MV22T2AD-R** is a specific model of an **Active Matrix Liquid Crystal Display (AMLCD)** module, commonly used in industrial monitors, kiosks, and specialized display systems. Below is a breakdown of its electronic components, specifications, and interface details. --- ### 1. General Specifications The MV22T2AD-R is typically a 22-inch wide-format display panel. Its primary electronic characteristics are focused on high-definition output and industrial-grade reliability. | Feature | Specification | | :--- | :--- | | **Panel Type** | a-Si TFT-LCD (Thin Film Transistor) | | **Screen Size** | 22.0 inches (Diagonal) | | **Resolution** | 1680 × 1050 (WSXGA+) | | **Aspect Ratio** | 16:10 | | **Backlight Unit** | CCFL (Cold Cathode Fluorescent Lamp) or LED (depending on revision) | | **Active Area** | 473.76 × 296.1 mm | --- ### 2. Key Electronic Components #### A. The LCD Controller Board (AD Board) The "AD" in the suffix often refers to the **Analog-to-Digital** conversion board. This component translates incoming signals (like VGA or DVI) into a format the LCD panel can understand. * **Scalar IC:** Processes the resolution scaling and image enhancement. * **EEPROM/Flash:** Stores the firmware and EDID (Extended Display Identification Data) information. #### B. The Inverter / LED Driver Because the panel requires high voltage to light the backlight: * **CCFL Inverter:** Converts low-voltage DC into high-voltage AC to power the fluorescent lamps. * **Protection Circuitry:** Includes OVP (Over Voltage Protection) and OCP (Over Current Protection) to prevent fire hazards if a lamp fails. #### C. The T-CON (Timing Controller) This is the "brain" of the panel itself. * It takes the LVDS signal from the AD board and converts it into data signals for the **Source Drivers** and **Gate Drivers** integrated into the glass. * It manages the refresh rate (typically 60Hz) and ensures color accuracy across the pixels. --- ### 3. Interface and Connectivity The module communicates through standard industrial interfaces to ensure compatibility with various controller cards. | Interface Type | Description | | :--- | :--- | | **Signal Interface** | **LVDS (Low Voltage Differential Signaling)** - usually 2-ch, 8-bit. | | **Pin Count** | Typically a 30-pin connector for data. | | **Input Voltage** | +5.0V (typical for logic) and +12V (for backlight/inverter). | --- ### 4. Typical Applications Due to its robust build, the MV22T2AD-R is frequently found in: * **ATM Machines:** High durability for 24/7 operation. * **Medical Imaging:** Stable brightness and resolution for diagnostic viewing. * **Industrial Human-Machine Interfaces (HMI):** Resistant to electromagnetic interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 30-pin LVDS connector on this model?
    • ⤷ Can the CCFL backlight be upgraded to an LED strip using the existing controller?
    • ⤷ What are the power consumption metrics for the MV22T2AD-R during peak operation?