MV24T2AD-R
AI

The **MV24T2AD-R** is a specific model of a **DC-DC Converter** module, typically manufactured by companies like Minmax Technology. These components are designed to regulate voltage in industrial and telecommunications applications.
---
## 1. Core Technical Specifications
The part number follows a standard nomenclature for power modules. Below are the primary specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (24V Nominal) |
| **Output Voltage** | Dual ±12V or ±15V (Model variant dependent) |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 3000V DC (I/O Isolation) |
| **Package Style** | DIP-24 (Dual In-line Package) |
| **Efficiency** | ~75% to 80% |
---
## 2. Key Electronic Features
The MV24T2AD-R is built with several internal sub-circuits to ensure stability and safety:
### A. Galvanic Isolation
This part provides **3000V DC isolation**. This means the input and output circuits are physically and electrically separated by a transformer barrier, protecting sensitive downstream components from high-voltage surges on the input side.
### B. Voltage Regulation
As a regulated converter, it maintains a constant output voltage even if the input voltage fluctuates between 18V and 36V. This is achieved through an internal high-frequency switching regulator.
### C. Protection Mechanisms
* **Short Circuit Protection:** Most models in this series include continuous short-circuit protection with automatic recovery (Hiccup mode).
* **EMI Filtering:** Internal capacitors and inductors reduce electromagnetic interference to meet industrial standards (like EN55022).
---
## 3. Pin Configuration (DIP-24)
While you should always consult the specific datasheet, a standard DIP-24 DC-DC converter usually follows this layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2, 3 | -Vin | Negative Input |
| 9 | NC | No Connection (Common for Dual) |
| 11 | -Vout | Negative Output |
| 14 | +Vout | Positive Output |
| 16 | Common | Output Common/Ground |
| 22, 23 | +Vin | Positive Input |
---
## 4. Typical Applications
* **Industrial Controls:** Powering sensors and PLC modules where input voltage from batteries or unregulated supplies varies.
* **Data Communication:** Providing clean power to RS-232/RS-485 transceivers.
* **Distributed Power Systems:** Used to provide local voltage regulation on a PCB to avoid noise across the entire board.
- ⤷
What is the difference between regulated and unregulated DC-DC converters?
- ⤷ How do I calculate the heat dissipation requirements for this module?
- ⤷ Can this module be used in parallel to increase current output?