NCD682K2KVY5PC2LSTR25LSF
AI

The part number **NCD682K2KVY5PC2LSTR25LSF** refers to a high-voltage ceramic disc capacitor, typically manufactured by **NIC Components** (or a similar specialty manufacturer).
Below is a detailed breakdown of the electronic specifications and part number nomenclature.
---
## 1. Technical Specifications Table
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Ceramic Disc Capacitor | Fixed value, non-polarized capacitor. |
| **Capacitance** | 6800 pF (6.8 nF) | "682" code: 68 followed by 2 zeros. |
| **Tolerance** | ±10% | Indicated by the "K" character. |
| **Voltage Rating** | 2000V (2KV) | Designed for high-voltage suppression or coupling. |
| **Dielectric Type** | Y5P | Class II ceramic; stable temperature coefficient (±10% drift). |
| **Lead Spacing** | 2.5mm / 5.0mm | Specific lead pitch for PCB mounting. |
| **Packaging** | Tape & Reel / Ammo | Indicated by "TR" suffix. |
---
## 2. Part Number Breakdown
To understand the specific characteristics, we can deconstruct the code:
### **A. Capacitance Code: 682**
* **68**: The significant figures.
* **2**: The multiplier (10 to the power of 2).
* **Result**: 6800 picofarads (pF), which equals **6.8nF** or **0.0068µF**.
### **B. Tolerance Code: K**
* **K** stands for **±10%**. This is standard for bypass and decoupling applications where exact precision is less critical than the ability to handle high voltage.
### **C. Voltage Rating: 2KV**
* This capacitor is rated for **2000 Volts DC**. It is built with thicker ceramic layers to prevent dielectric breakdown at high electrical potential.
### **D. Dielectric Characteristic: Y5P**
* **Y**: Minimum temperature of -30°C.
* **5**: Maximum temperature of +85°C.
* **P**: Maximum capacitance change of **±10%** over that temperature range.
* *Note: Y5P is considered a "stable" Class II dielectric compared to Y5V or Z5U.*
---
## 3. Typical Applications
Because of its high voltage rating and specific capacitance, this part is commonly used in:
* **Switch Mode Power Supplies (SMPS):** Snubber circuits to protect MOSFETs from voltage spikes.
* **Lighting Ballasts:** Filtering and ignition circuits in HID or fluorescent lighting.
* **CRT/Displays:** High voltage coupling in older monitor technology.
* **DC-DC Converters:** Input/output noise filtering in industrial equipment.
---
## 4. Mechanical & Packaging Codes
* **LS (Lead Spacing):** Defines the distance between the two wires.
* **TR (Tape & Reel):** Prepared for automated pick-and-place assembly machines.
* **F:** Usually indicates **RoHS Compliance** (Lead-Free).
- ⤷
What are the common alternatives for Y5P dielectrics in high-voltage applications?
- ⤷ How does temperature affect the capacitance of a Y5P ceramic disc?
- ⤷ What are the physical dimensions typically associated with a 2KV 682K capacitor?