Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • NRF24AP2-USBQ32-R

  • AI
    ## Detailed Overview of the NRF24AP2-USBQ32-R The **NRF24AP2-USBQ32-R** is a highly integrated single-chip **ANT™ ultra-low power (ULP) wireless network solution** with a built-in USB 2.0 full-speed controller. It is produced by Nordic Semiconductor and is specifically designed for applications requiring seamless connectivity between ANT sensor networks and a PC or Mac. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Radio Frequency** | 2.4 GHz ISM Band | | **Protocol Support** | ANT™ Protocol Stack | | **Interface** | USB 2.0 Full Speed | | **Package** | QFN32 (5x5 mm) | | **Data Rate** | Up to 1 Mbps (Air data rate) | | **Power Supply** | 4.0V to 5.25V (Bus-powered) | | **Operational Channels** | Up to 8 Independent Channels | | **Temperature Range** | -40°C to +85°C | --- ### 2. Core Functional Components The "NRF24AP2-USB" variant is unique because it combines several functional blocks into one piece of silicon: * **ANT Protocol Engine:** A pre-programmed logic block that handles all complex wireless networking tasks (node synchronization, interference management, and data encapsulation) without requiring external code. * **USB 2.0 Controller:** Includes an integrated transceiver and Serial Interface Engine (SIE). It allows the chip to act as a USB peripheral (typically appearing as a Virtual COM Port) without needing an external FTDI or USB-to-UART bridge. * **On-Chip Voltage Regulator:** Converts the 5V USB bus power down to the internal 3.3V required by the radio and logic. * **Frequency Synthesizer:** High-stability frequency generation for robust 2.4GHz communication. --- ### 3. Application Use Cases This specific chip is predominantly found in "USB Dongles" for the fitness and health industry. Common uses include: 1. **PC-to-Sensor Bridges:** Connecting a computer to heart rate monitors, power meters, or speed/cadence sensors (commonly used in software like Zwift or TrainerRoad). 2. **Data Loggers:** Collecting health data from wearable devices for synchronization with cloud services. 3. **Industrial Monitoring:** Acting as a gateway for low-power sensor networks in factory environments. --- ### 4. Part Number Breakdown Understanding the suffix codes: * **NRF24AP2:** The base series (ANT Protocol, 2nd Generation). * **USB:** Indicates the integrated USB hardware interface. * **Q32:** Refers to the **QFN32** package (Quad Flat No-lead, 32 pins). * **-R:** Indicates the packaging format is **Tape and Reel** (for automated mass production). --- ### 5. Circuit Design Considerations When designing a PCB with this part, engineers must focus on: * **Antenna Matching:** A specific LC (Inductor/Capacitor) network is required to match the chip's output to a 50$\Omega$ antenna. * **Crystal Oscillator:** A high-precision 16MHz crystal is mandatory for timing accuracy. * **Decoupling:** Proper placement of capacitors near the VDD pins is critical to prevent USB noise from affecting radio performance.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the NRF24AP2 and the newer nRF52 series?
    • ⤷ How does the ANT protocol compare to Bluetooth Low Energy (BLE) for sensor networks?
    • ⤷ What software drivers are required to interface this chip with a Windows OS?