NUC-RPLP
AI

## Overview of NUC-RPLP Electronic Architecture
The **NUC-RPLP** (Intel NUC 13 Pro, codenamed "Arena Canyon") is built upon the **Raptor Lake-P** mobile architecture. These systems are designed for high-performance computing in a small form factor (SFF), utilizing 13th Generation Intel Core processors.
---
### Core Electronic Components
| Component | Technical Specifications |
| :--- | :--- |
| **Processor (SoC)** | Intel 13th Gen Raptor Lake-P (i3, i5, or i7). Uses a hybrid architecture with P-cores (Performance) and E-cores (Efficient). |
| **Memory Slots** | 2x DDR4-3200 SODIMMs (up to 64GB). Some variants support non-ECC memory. |
| **Graphics** | Integrated Intel Iris Xe Graphics (for i5/i7) or Intel UHD Graphics (for i3). |
| **Storage Interfaces** | 1x M.2 2280 slot (PCIe Gen4 x4 NVMe) and 1x M.2 2242 slot (SATA). |
| **Power Delivery** | 12V – 20V DC Input via rear jack. Managed by a dedicated VRM (Voltage Regulator Module) for CPU stability. |
---
### Connectivity & I/O Subsystems
The NUC-RPLP integrates several high-speed controllers directly onto the motherboard PCB:
1. **Thunderbolt™ 4:**
* Powered by the integrated Intel controller.
* Supports dual 40Gbps ports, providing DisplayPort 1.4 and USB4 compatibility.
2. **Networking (Wired/Wireless):**
* **Ethernet:** Intel Ethernet Connection i226-V (2.5 GbE).
* **Wi-Fi/BT:** Intel Wi-Fi 6E AX211 module (M.2 2230 slot) supporting the 6GHz band and Bluetooth 5.3.
3. **Display Output:**
* Dual HDMI 2.1 TMDS Compatible ports.
* Support for up to four simultaneous 4K displays using TB4 and HDMI.
---
### Internal Expansion Headers
For industrial or specialized applications, the NUC-RPLP includes internal headers not always visible to the end-user:
* **Front Panel Header:** For power button, reset, and LED indicators.
* **USB 2.0 Header:** Internal pins for expansion bays or specialized lids.
* **Serial Port (Optional):** Some board versions include a functional RS232 header for legacy industrial equipment.
---
### Power Management and Thermal Design
The electronic design prioritizes **Performance per Watt**.
* **TDP:** The Raptor Lake-P chips typically operate at a 28W base power, scaling up to 64W Turbo Power.
* **Cooling Control:** An integrated PWM (Pulse Width Modulation) fan controller adjusts speeds based on thermal sensors located near the CPU die and the VRMs.
- ⤷What is the difference between the 'K' and 'P' series NUCs in terms of power consumption?
- ⤷ Does the NUC-RPLP support PCIe Gen 5 components?
- ⤷ Can the NUC-RPLP be powered via USB-C Power Delivery?