Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • NWW3JB10K0

  • AI
    The part number **NWW3JB10K0** refers to a specific type of electronic component, primarily a **Wirewound Resistor** manufactured by **Stackpole Electronics**. --- ## 1. Technical Specifications Table | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Stackpole Electronics | | **Series** | NWW (General Purpose Wirewound) | | **Resistance Value** | 10 kΩ (10,000 Ohms) | | **Power Rating** | 3 Watts | | **Tolerance** | ±5% (indicated by 'J') | | **Temperature Coefficient** | ±20 ppm/°C | | **Termination Style** | Axial Leaded | | **Construction** | All-welded construction | --- ## 2. Part Number Breakdown The part number follows a specific nomenclature used by Stackpole: 1. **NWW**: Indicates the Series (Non-inductive Wirewound / General Purpose). 2. **3**: The Power Rating (3 Watts). 3. **J**: The Tolerance code (J = ±5%). 4. **B**: The Packaging code (typically Bulk). 5. **10K0**: The Resistance value (10K0 = 10,000 Ω). --- ## 3. Key Electronic Characteristics ### Construction Wirewound resistors are made by winding a resistive wire (usually a Nichrome alloy) around a ceramic or fiberglass core. This is then coated with a protective material (silicone or vitreous enamel). ### Thermal Performance Because they are wirewound, these resistors are excellent at handling **high power** and **thermal stress** compared to standard carbon film or metal film resistors. The 3W rating means it can dissipate a significant amount of heat relative to its size. ### Stability and Reliability * **Low TCR**: The temperature coefficient is very low, meaning the resistance doesn't change significantly as the component heats up. * **Durability**: Wirewound components are robust against surge currents and high-voltage pulses. --- ## 4. Common Applications * **Power Supplies**: Used for current sensing or as bleeder resistors. * **Motor Controllers**: Handling high-load currents. * **Audio Equipment**: Often used in crossover networks because of their power handling. * **Industrial Controls**: Used where long-term stability under heat is required.
    ✨ Follow-up Questions
    • ⤷ What is the physical size/dimensions of a 3W axial wirewound resistor?
    • ⤷ Are there non-inductive versions of the NWW series for high-frequency use?
    • ⤷ How does a wirewound resistor compare to a metal oxide resistor in terms of surge handling?