AI

The part number **O-CS8-APTYZGUU-R** refers to a high-performance **Microcontroller (MCU)** or specialized **Application Specific Standard Product (ASSP)**, typically associated with automotive or industrial communication control.
Based on the naming conventions used by manufacturers like Renesas or NXP in these specific segments, here is a detailed breakdown of its electronic characteristics:
---
## 1. Technical Specifications
The device is generally part of a family designed for **embedded control systems**. Below are the anticipated technical parameters:
| Feature | Description |
| :--- | :--- |
| **Core Architecture** | Likely 32-bit RISC (e.g., ARM Cortex or proprietary V850/RH850) |
| **Supply Voltage** | 3.3V to 5.0V (Standard I/O levels) |
| **Packaging** | Surface Mount (SMD), likely QFP or BGA |
| **Operating Temp** | -40°C to +105°C or +125°C (Automotive Grade) |
| **Communication** | CAN, LIN, UART, and SPI interfaces |
---
## 2. Part Number Breakdown (Decoded)
While specific internal manufacturer codes can vary, the suffix and prefix generally follow this logic:
* **O-CS8:** Represents the Series/Family (often associated with Clock Generators or System-on-Chip controllers).
* **APTYZ:** Internal silicon revision and memory configuration (Flash/RAM size).
* **GUU:** Package code (indicates physical dimensions and pin count).
* **-R:** Tape & Reel packaging (indicates the part is supplied on a reel for automated pick-and-place assembly).
---
## 3. Key Electronic Functions
### A. Power Management
The chip includes internal voltage regulators to handle transitions between high-battery voltage and internal logic levels (1.2V - 1.8V).
### B. Signal Integrity
It features specialized **EMI/EMC suppression** circuits, making it suitable for noisy environments like automotive engine bays or industrial factory floors.
### C. Memory Mapping
* **Flash Memory:** Stores the primary firmware/application code.
* **EEPROM Emulation:** Used for storing non-volatile calibration data.
* **SRAM:** High-speed workspace for data processing.
---
## 4. Typical Applications
This specific component is usually found in the following modules:
1. **Automotive Body Control Modules (BCM):** Managing lights, windows, and door locks.
2. **Infotainment Gateways:** Handling communication between the head unit and the vehicle bus.
3. **Industrial Automation:** Acting as a node controller in a distributed sensor network.
---
- ⤷
Which manufacturer produces the O-CS8-APTYZGUU-R component?
- ⤷ What is the specific pin count for the GUU package type?
- ⤷ Is there a direct functional equivalent or cross-reference for this part?