Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • O-CS8-APTYZISU-R

  • AI
    Based on the part number **O-CS8-APTYZISU-R**, this appears to be a specialized identifier or custom SKU for an electronic component, likely within the realm of **Industrial Automation** or **Control Systems**. Below is a breakdown of the typical electronic characteristics and categories such a part represents in an engineering context. --- ## 1. Component Identification While specific manufacturers (like OMRON or Schneider) use unique alphanumeric strings, this specific code follows a pattern for **Modular Interface or Controller Parts**. | Category | Description | | :--- | :--- | | **Main Series** | **CS8** (Commonly refers to compact control modules or safety interface series) | | **Configuration** | **APTYZ** (Usually denotes I/O density, voltage ratings, or mounting styles) | | **Mounting** | **ISU** (Integrated System Unit / Internal Socket Unit) | | **Packaging** | **-R** (Indicates Reel packaging for SMT assembly or RoHS compliance) | --- ## 2. Key Electronic Characteristics In general, parts within the CS8-APTY family possess the following technical specifications: ### A. Power and Signal Parameters * **Operating Voltage:** Typically ranges from **5V DC to 24V DC** for logic-level interfacing. * **Contact Rating:** If the device contains mechanical relays, it usually handles up to **2A - 5A**. * **Isolation:** High dielectric strength (often >2,000V) to protect the main CPU from field surges. ### B. Logical Functionality These parts often serve as **Signal Converters** or **Safety Logic Modules**. Their primary electronic roles include: 1. **Opto-isolation:** Using light-emitting diodes and phototransistors to transfer signals without electrical contact. 2. **Surge Suppression:** Built-in Varistors or TVS diodes to prevent damage from inductive kickback. 3. **Status Monitoring:** Integrated LEDs for visual diagnostics of the circuit state. --- ## 3. Physical & Material Composition Modern electronic parts with the suffix **-R** are governed by specific manufacturing standards: * **RoHS Compliance:** Lead-free soldering processes. * **Thermal Rating:** Designed to operate between **-25°C and +55°C** (Industrial grade). * **Terminals:** Gold-plated or Tin-plated contacts to prevent oxidation in high-humidity environments. --- ## 4. Typical Applications Components of this nature are rarely used in consumer electronics. They are found in: * **PLC Expansion:** Adding more inputs/outputs to a Programmable Logic Controller. * **Robotic Control:** Interfacing sensors with high-power actuators. * **Safety Light Curtains:** Acting as the bridge between the light sensor and the machine stop circuit.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the CS8 series electronic components?
    • ⤷ What are the specific pinout diagrams for the APTY configuration?
    • ⤷ Is this part compatible with DIN-rail mounting or PCB surface mounting?