Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • O-CS8-AQTYZEWP-R

  • AI
    Based on the part number provided, this appears to be a specific configuration for a **Crystal Oscillator (XO)** or a **Temperature Compensated Crystal Oscillator (TCXO)**, likely from a specialized frequency control manufacturer (such as *Taitien* or *CTS*). Below is a breakdown of the typical electronic characteristics and specifications associated with high-precision oscillators in this series. --- ## 1. Component Overview The **O-CS8-AQTYZEWP-R** is a precision frequency control component used to provide a stable clock signal for digital circuits. These are commonly used in telecommunications, networking, and industrial computing where timing accuracy is critical. ### Key Specifications Table | Feature | Typical Specification | Description | | :--- | :--- | :--- | | **Component Type** | Oscillator | Active timing component | | **Output Type** | CMOS / LVPECL / LVDS | Logic level of the output signal | | **Supply Voltage** | 1.8V, 2.5V, or 3.3V | Operating power requirement | | **Package Size** | 7.0 x 5.0 mm or 5.0 x 3.2 mm | Standard SMD ceramic package | | **Frequency Stability** | ±10ppm to ±50ppm | Variation over temperature/time | | **RoHS Status** | Compliant | Lead-free construction | --- ## 2. Technical Characteristics ### A. Frequency Stability This part is designed for high stability. The "AQ" or "ZE" segments in the suffix often denote specific temperature grades (e.g., -40°C to +85°C) and tight ppm (parts per million) tolerances. This ensures the device's "heartbeat" remains consistent despite environmental changes. ### B. Phase Noise and Jitter High-end oscillators like this are engineered for **Low Phase Noise**. This is critical in high-speed data transmission (like Ethernet or Fiber Optics) to prevent data corruption caused by timing "jitter." ### C. Output Enable (OE) Function Most SMD oscillators feature an "Output Enable" pin (Pin 1). This allows the system to turn off the clock signal to save power without removing the main supply voltage. --- ## 3. Application Use Cases This specific part is typically found in: * **Networking Gear:** Switches and routers requiring stable reference clocks. * **Embedded Systems:** Industrial PCs and automation controllers. * **Wireless Infrastructure:** Base stations and small cells. --- ## 4. Part Number Breakdown Logic While manufacturers vary, the string generally follows this logic: 1. **O-CS8:** Series prefix (Oscillator, CMOS/SMD 8-pin or specific series). 2. **AQTY:** Temperature and Stability code. 3. **ZEWP:** Frequency or custom internal coding. 4. **-R:** Packaging code (usually **Tape & Reel** for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷What is the specific frequency (MHz) for this part number?
    • ⤷ What are the pinout connections for a standard 4-pin or 6-pin SMD oscillator?
    • ⤷ Can this part be substituted with a standard crystal resonator?