Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • OR2-G-R/Q

  • AI
    The **OR2-G-R/Q** refers to a high-performance **Optical Receiver Module**, typically used in Fiber-to-the-Home (FTTH) and Cable Television (CATV) networks. Its primary function is to convert optical signals (light) back into radio frequency (RF) signals. --- ### 1. Key Technical Specifications Below is a breakdown of the core electronic characteristics of this component category: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Optical Input Power** | -15 dBm to +2 dBm | The range of light intensity the device can process. | | **Output Level** | ≥ 80 dBµV | The strength of the resulting RF signal. | | **Frequency Range** | 47 MHz – 1000 MHz | Supports standard analog and digital TV bands. | | **Optical Connector** | SC/APC or FC/APC | The physical interface for the fiber cable. | | **Power Supply** | 5V DC / 12V DC | Voltage required to power the internal circuitry. | | **Power Consumption** | < 2.0 W | Energy efficiency rating. | --- ### 2. Functional Electronic Sections The device is composed of several critical electronic stages: 1. **Photodetector (PIN Diode):** * The "heart" of the device. It converts incoming photons from the fiber into a weak electrical current. 2. **Transimpedance Amplifier (TIA):** * Converts the low-level current from the photodiode into a measurable voltage while minimizing noise. 3. **Automatic Gain Control (AGC):** * The "G" in the model often signifies AGC. This circuit maintains a constant RF output level even if the optical input strength fluctuates. 4. **RF Amplification Stage:** * Boosts the signal to ensure it can travel through coaxial cables to the end-user's television or modem. 5. **Filtering & Protection:** * Low-pass and high-pass filters remove interference, while Surge Protection circuits guard against voltage spikes. --- ### 3. Model Nomenclature Decoded While specific to the manufacturer (often associated with brands like Fullwell or generic OEM FTTH providers), the suffix usually denotes: * **OR2:** Product series (Optical Receiver, Version 2). * **G:** Indicates **AGC** (Automatic Gain Control) functionality. * **R:** Often denotes **Return Path** capability or a specific **Radio Frequency** configuration. * **Q:** Can represent a specific **Filter** type or **Housing** style (e.g., Mini-node). --- ### 4. Application Diagram ```mermaid graph LR A[Fiber Optic Input] --> B[Photodiode] B --> C[TIA / Pre-Amp] C --> D[AGC Circuit] D --> E[RF Power Amp] E --> F[Coaxial RF Output] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active and passive optical receiver like the OR2 series?
    • ⤷ How does the AGC circuit in the OR2-G-R/Q handle signal fluctuations?
    • ⤷ What are the power supply requirements for integrating this into a home network?