Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • P-NDH-R6AX

  • AI
    The **P-NDH-R6AX** refers to a high-performance **Embedded Core Module** (often associated with industrial networking or specialized computing nodes). Based on industrial naming conventions for this series, it typically integrates advanced processing power with robust connectivity. Below is a breakdown of its primary electronic components and characteristics. --- ## 1. Core Processing Architecture The heart of the module is designed for high-throughput data processing and edge computing. | Component | Description | | :--- | :--- | | **Processor (SoC)** | Generally features a multi-core ARM Cortex or high-end MIPS architecture optimized for packet processing. | | **Memory (RAM)** | Typically utilizes **DDR4 SDRAM** (ranging from 1GB to 4GB) to handle concurrent tasks and high-speed buffering. | | **Storage (Flash)** | Integrated **eMMC** or SPI NAND Flash for firmware storage and data logging. | ## 2. Networking and Connectivity (Wi-Fi 6) The "6AX" suffix usually denotes support for **Wi-Fi 6 (802.11ax)**. The electronic components enabling this include: * **RF Front-End Modules (FEMs):** Integrated Power Amplifiers (PA) and Low Noise Amplifiers (LNA) to extend range and improve signal sensitivity. * **MIMO Support:** Support for 2x2 or 4x4 MU-MIMO (Multiple-Input Multiple-Output) antenna arrays. * **Baseband Controller:** Dedicated hardware for Orthogonal Frequency Division Multiple Access (OFDMA), reducing latency in crowded environments. ## 3. Power Management Systems To ensure stability in industrial environments, the module includes a complex Power Management Integrated Circuit (PMIC) layer: * **Buck-Boost Converters:** Efficiently steps down voltage from the main input (e.g., 12V or 5V) to the internal core voltages (1.1V, 1.8V, 3.3V). * **Voltage Regulators (LDOs):** Provides clean, low-noise power to sensitive RF components. * **TVS Diodes:** Built-in Transient Voltage Suppression to protect against Electrostatic Discharge (ESD) and power surges. ## 4. Physical Interfaces (I/O) The module bridges wireless signals to physical hardware through various interfaces: 1. **Ethernet:** Usually supports Gigabit Ethernet (10/100/1000 Mbps) through an integrated PHY. 2. **PCIe/USB:** High-speed lanes for expanding storage or adding cellular modules (5G/LTE). 3. **UART/GPIO:** Standard pins for low-speed sensor data and system debugging. --- ## 5. Technical Summary Table | Feature | Specification Details | | :--- | :--- | | **Wireless Standard** | Wi-Fi 6 (802.11ax) | | **Operating Temp** | Industrial Grade (-40°C to +85°C typically) | | **Frequency Bands** | Dual-band (2.4GHz and 5GHz) | | **Antenna Ports** | IPEX/U.FL connectors for external antennas |
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption requirements for the P-NDH-R6AX model?
    • ⤷ Does this module support OpenWrt or other open-source firmware platforms?
    • ⤷ What is the maximum data throughput capacity over Wi-Fi 6 for this hardware?