P-RJSSE-5380-01T
AI

The **P-RJSSE-5380-01T** is a specific part number from **Amphenol CS (formerly Amphenol ICC)**. It belongs to the RJSSE series of modular jacks, specifically designed for high-speed data transmission and EMI (Electromagnetic Interference) protection.
---
### 1. General Specifications
The P-RJSSE-5380-01T is a surface-mount (SMT) modular jack, commonly known as an RJ45 connector, used primarily in networking hardware.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Series** | RJSSE (High Speed) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle (Horizontal) |
| **Number of Ports** | 1 (Single Port) |
| **Shielding** | Shielded with EMI Tabs |
| **LED Indicators** | No LEDs (Standard version) |
---
### 2. Key Electronic Features
#### A. EMI Suppression (The "S" in RJSSE)
This part is specifically engineered for high-performance shielding. It features **EMI tabs** (small metallic springs) on the top and sides of the shield. These tabs ensure a tight, conductive connection between the connector and the device's chassis, effectively grounding the system and reducing noise.
#### B. Contact Plating and Conductivity
* **Contact Material:** Phosphor Bronze.
* **Plating:** Typically features **50 micro-inches of Gold** over Nickel. The high gold content prevents oxidation and ensures low contact resistance over thousands of mating cycles.
* **Data Rate:** Designed to support Category 5e (Cat5e) and Category 6 (Cat6) performance levels, suitable for 10/100/1000 Mbps Ethernet.
#### C. Physical Construction
* **Housing:** High-temperature thermoplastic (UL 94V-0 rated), which is necessary for reflow soldering processes used in SMT assembly.
* **Shielding:** Copper alloy with tin plating.
---
### 3. Dimensional Data (Approximate)
| Dimension | Value |
| :--- | :--- |
| **Height** | ~13.00 mm |
| **Width** | ~15.50 mm |
| **Depth** | ~19.00 mm |
---
### 4. Common Applications
Due to its robust shielding and SMT design, this part is frequently found in:
* **Networking Hubs and Switches:** Where space is limited and high-speed data integrity is critical.
* **Industrial Servers:** Requiring reliable grounding to prevent data loss.
* **Consumer Electronics:** High-end routers or laptops where a low-profile SMT connector is preferred over through-hole.
---
- ⤷
What is the difference between the RJSSE and RJHSE series from Amphenol?
- ⤷ Does this specific part number support Power over Ethernet (PoE)?
- ⤷ What are the recommended reflow soldering temperature profiles for this SMT connector?