Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • P2020PSE2MZB

  • AI
    The **P2020PSE2MZB** is a specific part number belonging to the **QorIQ P2 family** of communications processors, originally designed by Freescale Semiconductor (now **NXP Semiconductors**). This processor is built on Power Architecture® technology and is designed for networking, telecom, and industrial control applications. --- ### 1. Key Technical Specifications The P2020 is a dual-core device known for its high integration and low power consumption. | Feature | Specification | | :--- | :--- | | **Core** | Dual e500v2 Power Architecture cores | | **Frequency** | Up to 1.2 GHz (depending on grade) | | **L2 Cache** | 512 KB shared | | **Memory Controller** | DDR2/DDR3 (up to 800 MHz) with ECC support | | **Ethernet** | 3x 10/100/1000 Mbps Ethernet controllers (eTSEC) | | **PCI Express** | 2x PCIe 1.0a / 2.0 controllers | | **USB** | USB 2.0 with PHY support | | **Package** | 689-pin TePBGA II (23mm x 23mm) | --- ### 2. Breakdown of the Part Number The alphanumeric string "P2020PSE2MZB" provides specific details about the chip's revision and operating conditions: * **P2020**: The base model series (Dual-core e500). * **P**: Prototype/Production status. * **S**: Security features (Includes Integrated Security Engine / Crypto acceleration). * **E**: Error Correction/Enhanced (often refers to specific silicon revisions or voltage). * **2**: Qualification level (Standard commercial/industrial). * **M**: Temperature Range (Usually extended/industrial, e.g., -40°C to 125°C). * **Z**: Package code (Lead-free/RoHS compliant BGA). * **B**: Revision code (Indicates the silicon stepping/version). --- ### 3. Functional Blocks The P2020 is more than just a CPU; it is a **System-on-Chip (SoC)** containing several specialized hardware accelerators: #### A. Networking & Connectivity * **eTSEC**: Enhanced Three-Speed Ethernet Controllers supporting hardware checksum offloading and QoS. * **SerDes**: High-speed serial lanes that can be configured for PCIe, SGMII, or Serial RapidIO (sRIO). #### B. Security Engine (SEC 3.3) The "S" in the part number indicates an integrated crypto-accelerator. It supports: * Public key hardware (RSA, Diffie-Hellman). * Symmetric algorithms (AES, DES, 3DES, ARC4). * Message digest (MD5, SHA-1, SHA-2). #### C. System Control & Storage * **DUART**: Dual Universal Asynchronous Receiver/Transmitter. * **eSDHC**: Enhanced SD Host Controller for SD/MMC cards. * **I2C/SPI**: Standard serial interfaces for peripherals. --- ### 4. Typical Applications Due to its reliability and PowerPC architecture, this part is commonly found in: 1. **Networking**: Enterprise routers, switches, and firewalls. 2. **Industrial**: Programmable Logic Controllers (PLCs) and factory automation. 3. **Aerospace/Defense**: Single Board Computers (SBCs) requiring long lifecycles.
    ✨ Follow-up Questions
    • What are the power consumption characteristics of the P2020 series?
    • How does the e500v2 core compare to modern ARM-based networking chips?
    • What are the specific thermal requirements for the 'M' temperature grade?