AI

## Electronic Overview: P4C1048L-70CWC
The **P4C1048L-70CWC** is a high-performance CMOS Static Random Access Memory (SRAM). It was originally manufactured by **Pyramid Semiconductor** (often associated with Performance Semiconductor) and is primarily used in legacy industrial, military, and high-reliability computing systems.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Density** | 512 Kbit |
| **Organization** | 512K x 8 bits |
| **Access Time (Speed)** | 70 nanoseconds (ns) |
| **Supply Voltage ($V_{CC}$)** | 5.0V ± 10% |
| **Technology** | CMOS (Low Power) |
| **Package Type** | Ceramic Windowed LCC (Leadless Chip Carrier) |
| **Operating Temperature** | Commercial (0°C to +70°C) |
---
### 2. Part Number Breakdown
To understand the specific capabilities of this part, we can decode the suffix:
* **P4C1048**: The base model number representing a 512K x 8 SRAM.
* **L**: Denotes the **Low Power** version. This version is optimized for reduced standby current.
* **70**: Indicates the speed grade. The maximum address access time is **70ns**.
* **CW**: Refers to the **Ceramic Windowed** package. In many vintage semiconductors, windowed packages were used for UV-erasable parts (EPROMs), but in SRAMs, these ceramic packages are often used for high-reliability or military-grade hermetic sealing.
* **C**: Commercial temperature range.
---
### 3. Functional Pin Description
The device typically follows a standard SRAM pinout to ensure compatibility with various microprocessors.
1. **Address Inputs (A0 - A18):** Used to select one of the 524,288 bytes in the memory array.
2. **Data Inputs/Outputs (I/O0 - I/O7):** Bi-directional ports for reading and writing 8-bit data.
3. **Chip Enable ($\overline{CE}$):** When HIGH, the device enters a low-power standby mode. When LOW, the device is active.
4. **Write Enable ($\overline{WE}$):** Controls the write function.
5. **Output Enable ($\overline{OE}$):** Controls the output buffers during a Read cycle to prevent bus contention.
---
### 4. Distinctive Features
* **Low Standby Power:** Because it is the "L" variant, it consumes significantly less power when the Chip Enable is inactive, making it suitable for battery-backed applications.
* **Asynchronous Operation:** It does not require a clock signal. Data access is triggered by changes in the address lines or control signals.
* **TTL Compatibility:** The inputs and outputs are fully compatible with standard TTL (Transistor-Transistor Logic) levels.
* **High Reliability:** The ceramic packaging provides better thermal management and protection against environmental factors compared to standard plastic (PDIP/SOIC) packaging.
---
- ⤷
What are the typical applications for a 512K x 8 CMOS SRAM?
- ⤷ How does the 'L' low-power version differ in power consumption compared to the standard version?
- ⤷ What is the modern equivalent or replacement for this obsolete memory chip?