Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • P9038-RNDGI

  • AI
    ## Overview of P9038-RNDGI The **P9038-RNDGI** is a high-efficiency, single-chip wireless power transmitter IC manufactured by **Renesas Electronics** (formerly IDT). It is specifically designed for wireless charging applications compliant with the **Qi standard** (WPC 1.1). --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 6.9V (optimally 5V) | | **Output Power** | Up to 5W (standard Qi) | | **Package Type** | VFQFPN-40 (6.0 x 6.0 mm) | | **Standard Compliance** | WPC 1.1 (Qi) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Internal Electronic Components The P9038 is an integrated solution, meaning it combines several discrete functions into one silicon chip. Below are the primary internal modules: #### 1. Integrated Full-Bridge Inverter The chip contains four low-resistance MOSFETs configured as a **Full-Bridge Inverter**. These MOSFETs convert DC power from the input into an AC signal that drives the external resonant LC tank (coil and capacitors). #### 2. Digital Control Logic This acts as the "brain" of the transmitter. It manages: * **Communication:** Decodes back-scattered packets from the receiver (P9025 or similar) to adjust power levels. * **Frequency Control:** Adjusts the switching frequency (typically 110kHz to 205kHz) to regulate power transfer. #### 3. Demodulator Circuitry To communicate with the device being charged, the P9038 includes sensitive analog filters and a demodulator. It "listens" to the small voltage or current fluctuations caused by the receiver's load modulation. #### 4. Protection Circuits * **FOD (Foreign Object Detection):** Monitors power loss to detect metal objects (like coins or keys) between the coil and the phone to prevent overheating. * **Over-Voltage/Current Protection:** Shuts down the system if electrical limits are exceeded. --- ### Typical Application Circuitry To build a functional charger using the P9038, external passive components are required: 1. **Resonant Capacitors:** High-quality C0G/NP0 ceramic capacitors are used to form the resonant circuit with the coil. 2. **Transmit Coil:** A standard Qi-compliant inductor (e.g., A11 type). 3. **Power Input:** Usually a USB-C or Micro-USB port providing 5V. ```python # Pseudo-representation of the P9038 State Machine while power_applied: if detect_receiver(): negotiate_power_contract() while charging: monitor_feedback() adjust_frequency() check_for_foreign_objects() else: enter_low_power_standby() ``` --- ### Target Applications * Wireless charging pads. * Smartphone docking stations. * Furniture-integrated chargers. * PC peripherals (mouse pads with charging).
    ✨ Follow-up Questions
    • ⤷What are the specific requirements for the external coil used with the P9038?
    • ⤷ How does the Foreign Object Detection (FOD) mechanism work in this chip?
    • ⤷ Can the P9038 be used for fast charging above 5W?