P9242-RNDGI
AI

## Overview of the P9242-RNDGI
The **P9242-RNDGI** is a highly integrated, magnetic induction, wireless power transmitter (TX) IC developed by Renesas Electronics (formerly IDT). It is specifically designed for wireless charging applications, compliant with the Qi-standard (WPC 1.2.4).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Renesas Electronics |
| **Power Capacity** | Up to 15W (Extended Power Profile - EPP) |
| **Input Voltage** | 4.25V to 21V |
| **Interface** | I2C, GPIO, UART |
| **Package** | 48-VFQFN (6x6 mm) |
| **Standards** | WPC 1.2.4 (Qi) Compliant |
| **Processor** | Integrated 32-bit ARM® Cortex®-M0 |
---
### 2. Functional Components
The P9242-RNDGI acts as a "System-on-Chip" (SoC) for wireless charging. It integrates several critical electronic sub-systems:
#### A. Power Stage and Drivers
* **Integrated MOSFET Drivers:** It contains the circuitry needed to drive an external Full-Bridge or Half-Bridge inverter, which converts DC power into the AC signal for the transmission coil.
* **Current Sensing:** Integrated high-side current sensing for Foreign Object Detection (FOD).
#### B. Control Logic (The Brain)
* **ARM® Cortex®-M0 Core:** A programmable 32-bit microcontroller that manages the charging protocol, communication with the receiver (RX), and safety features.
* **Memory:** Includes 32KB of Flash memory and 4KB of SRAM for firmware execution.
#### C. Safety and Protection Circuits
* **Foreign Object Detection (FOD):** Uses sophisticated algorithms to detect metal objects between the transmitter and receiver to prevent overheating.
* **Thermal Protection:** Integrated temperature sensors to shut down the system if it exceeds safe operating limits.
* **Over-Voltage/Current Protection:** Hardware-level safeguards to prevent circuit damage.
---
### 3. Typical Application Circuit Components
When designing a board with the P9242-RNDGI, several external components are required:
1. **Power MOSFETs:** External N-Channel MOSFETs for the H-bridge power stage.
2. **Resonant Capacitors:** High-quality C0G/NPO capacitors to form the LC resonant tank with the coil.
3. **Transmitter Coil:** Usually a standard Qi-compliant coil (e.g., MP-A2 type).
4. **Decoupling Capacitors:** To stabilize the input voltage and internal LDOs.
5. **I2C Pull-ups:** For communication with a host controller (optional).
---
### 4. Advantages
* **High Efficiency:** Optimized for low standby power and high conversion efficiency.
* **Programmability:** The firmware can be customized to support proprietary fast-charging protocols beyond standard Qi.
* **Small Footprint:** High integration reduces the total Bill of Materials (BOM) count.
---
- ⤷
What are the differences between the P9242 and the P9241 series?
- ⤷ How is the Foreign Object Detection (FOD) calibrated in this chip?
- ⤷ Can this IC be used for multi-coil wireless charging designs?