PA3211L-AF5-R
AI

The **PA3211L-AF5-R** is a specific integrated circuit (IC), typically classified as a **Low Dropout (LDO) Linear Regulator**. These components are essential in power management to provide a stable, constant voltage output from a fluctuating or higher-level input source.
---
### 1. General Specifications
The part number follows the naming convention of manufacturers like **UTC (Unisonic Technologies)**. Below are the typical technical characteristics for this series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator |
| **Output Type** | Fixed Output Voltage (Specific to sub-variant) |
| **Package Type** | SOT-25 / SOT-23-5 (indicated by "AF5") |
| **Low Quiescent Current** | Designed for battery-powered applications |
| **Features** | Built-in current limit and thermal shutdown protection |
### 2. Part Number Breakdown
The suffix and prefix provide specific details about the physical and electrical properties:
* **PA3211**: The series model number (High-speed LDO).
* **L**: Lead-free/Halogen-free designation (Environmental compliance).
* **AF5**: Package code, specifically referring to the **SOT-25** (also known as SOT-23-5) 5-pin surface mount package.
* **R**: Tape and Reel packaging (Standard for automated PCB assembly).
---
### 3. Pin Configuration (SOT-25)
In a standard PA3211 configuration, the 5 pins are usually assigned as follows:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage Power Supply |
| 2 | **GND** | Ground |
| 3 | **CE / EN** | Chip Enable (Active High) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor (for noise reduction) |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 4. Key Electronic Characteristics
* **High PSRR:** High Power Supply Rejection Ratio, making it suitable for RF and sensitive analog circuits where noise must be filtered.
* **Dropout Voltage:** Very low dropout (usually < 200mV at full load), allowing the device to maintain regulation even when the input voltage is very close to the output voltage.
* **Enable Logic:** The `CE` pin allows the system to turn off the regulator to save power, reducing current draw to near-zero (Shutdown Mode).
### 5. Common Applications
* Cellular Phones and Smart Devices.
* Battery-powered portable equipment.
* Reference voltage sources for ADCs/DACs.
* Wireless LAN modules.
- ⤷
What is the maximum input voltage supported by the PA3211L series?
- ⤷ How does the 'Enable' pin affect power consumption in standby mode?
- ⤷ What is the recommended value for the bypass capacitor on pin 4?