Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PBYR1640F

  • AI
    ## PBYR1640F Schottky Barrier Rectifier The **PBYR1640F** is a power Schottky rectifier diode housed in a fully isolated plastic package (SOT186 / TO-220F). It is primarily designed for high-frequency switched-mode power supplies (SMPS) and free-wheeling applications. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the PBYR1640F: | Parameter | Symbol | Typical Value / Limit | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 V | | **Average Forward Current** | $I_{F(AV)}$ | 16 A | | **Forward Voltage Drop** (at 16A, 25°C) | $V_F$ | 0.57 V | | **Forward Voltage Drop** (at 16A, 125°C) | $V_F$ | 0.48 V | | **Repetitive Peak Surge Current** | $I_{FRM}$ | 32 A | | **Junction Temperature** | $T_j$ | 150 °C (Max) | --- ### 2. Functional Characteristics * **Schottky Barrier Technology:** Unlike standard silicon diodes that use a P-N junction, this uses a metal-to-semiconductor junction. This results in a much lower forward voltage drop ($V_F$) and extremely fast switching speeds. * **Low Power Loss:** Because the $V_F$ is low, the diode generates less heat during operation, significantly increasing the efficiency of the power circuit. * **Guard Ring Protection:** The internal die includes a "guard ring" for stress protection, which improves reliability against high-voltage transients and $dv/dt$ (rate of change of voltage). * **Isolation (TO-220F Package):** The "F" suffix indicates a "Full Pack." The metal tab is encased in plastic, providing internal insulation. This allows the component to be mounted directly to a heatsink without an additional insulating mica washer. --- ### 3. Common Applications The PBYR1640F is typically found in the following electronic circuits: 1. **Switch Mode Power Supplies (SMPS):** Used on the output stage for rectification of high-frequency AC signals into DC. 2. **DC-to-DC Converters:** Acts as a "catch diode" or flyback diode to maintain current flow when a switch is opened. 3. **Polarity Protection:** Protects sensitive DC circuits from damage if the power source is connected in reverse. 4. **Free-wheeling Diodes:** Used across inductive loads (like motors or solenoids) to suppress voltage spikes. --- ### 4. Circuit Symbol and Terminal Layout The device is a two-terminal component (though it often uses a three-lead package where two pins might be internally connected or one is omitted). ```text TO-220F Front View +----------------+ | [ Hole ] | <-- Isolated Mounting Tab | | | PBYR1640F | +----------------+ | | | 1 2 3 (Anode) (Cathode) (N/C or Anode) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the PBYR1640 and the PBYR1640F?
    • ⤷ How does temperature affect the forward voltage of this Schottky diode?
    • ⤷ Can this diode be used in a 48V power supply circuit?