PBYR225CT
AI

The **PBYR225CT** is a high-performance Schottky rectifier diode designed for high-frequency switching applications. It is commonly used in power supplies, inverters, and protection circuits due to its low forward voltage drop and fast switching speeds.
### 1. General Specifications
Below are the key technical parameters for the PBYR225CT:
| Parameter | Description | Value |
| :--- | :--- | :--- |
| **Component Type** | Dual Schottky Barrier Diode | Common Cathode |
| **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | Maximum voltage in reverse bias | 25V |
| **Average Forward Current ($I_{F(AV)}$)** | Total current (both diodes) | 20A (10A per leg) |
| **Forward Voltage ($V_F$)** | Typical voltage drop at 10A | ~0.50V - 0.60V |
| **Package Type** | Standard Power Package | TO-220AB |
| **Operating Temperature** | Maximum Junction Temp | 150°C |
---
### 2. Internal Configuration
The PBYR225CT features a **Common Cathode** configuration. This means it contains two separate diode chips inside a single three-pin package:
* **Pin 1:** Anode 1
* **Pin 2:** Cathode (Connected to the metal mounting tab)
* **Pin 3:** Anode 2
This design allows for efficient use in "Full Wave" rectification circuits where two diodes share a common output line.
---
### 3. Key Electronic Characteristics
* **Schottky Technology:** Unlike standard silicon diodes, Schottky diodes use a metal-to-semiconductor junction. This results in a much lower forward voltage drop, leading to higher efficiency and less heat generation.
* **Fast Switching:** Because there is no minority carrier recovery time, these diodes can switch "on" and "off" almost instantaneously, making them ideal for high-frequency Switched-Mode Power Supplies (SMPS).
* **Guard Ring Protection:** Most parts in this series include an internal guard ring for stress protection and improved long-term reliability against high voltage transients.
---
### 4. Typical Applications
1. **Low Voltage Rectification:** Converting AC to DC in high-current, low-voltage power adapters.
2. **ORing Diodes:** Used in redundant power supply systems to prevent backflow from one power source to another.
3. **Freewheeling Diodes:** Protecting circuits from inductive "kickback" in motor controllers or relay drivers.
4. **Polarity Protection:** Preventing damage if a battery or DC source is connected backward.
- ⤷
What is the significance of the 'Common Cathode' pinout in a bridge rectifier circuit?
- ⤷ How does the 25V reverse voltage limit affect its use in 12V vs 24V systems?
- ⤷ What are the heat dissipation requirements for the TO-220 package at full 20A load?