PBYR340
AI

The **PBYR340** is a specific type of electronic component known as a **Schottky Barrier Diode**. It is designed for high-frequency switching and power rectification applications.
---
## 1. Technical Specifications
The part number follows a standard nomenclature where "3" typically represents the current rating and "40" represents the voltage rating.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Type** | Schottky Diode | Low forward voltage drop, fast switching. |
| **Max Forward Current ($I_{F(AV)}$)** | 3 Amperes | Maximum average rectified current. |
| **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 40 Volts | Maximum reverse voltage the diode can block. |
| **Forward Voltage Drop ($V_F$)** | ~0.5V | Typical voltage loss during conduction. |
| **Package Style** | DO-201AD (Axial) | A standard through-hole cylindrical package. |
---
## 2. Key Features
The PBYR340 stands out due to the inherent properties of the Schottky barrier:
* **Low Forward Voltage:** Unlike standard silicon diodes (which drop ~0.7V), this diode drops significantly less voltage, leading to higher efficiency and less heat generation.
* **Ultrafast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed circuits.
* **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and enhanced reliability against high voltage transients.
---
## 3. Common Applications
Due to its 3A current capacity and 40V limit, the PBYR340 is commonly found in:
1. **Switching Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC to DC.
2. **DC-DC Converters:** Essential for "Buck" or "Boost" converters to prevent backflow and maintain efficiency.
3. **Polarity Protection:** Protecting sensitive electronics from damage if a battery or power supply is connected backward.
4. **Freewheeling Diodes:** Used in motor control circuits to suppress inductive voltage spikes.
---
## 4. Equivalent / Alternative Parts
If you are looking for a replacement or a similar part, consider these industry standards:
* **1N5822:** Very common 3A / 40V Schottky diode.
* **SB340:** Direct 3A / 40V equivalent from various manufacturers.
* **MBR340:** High-performance Schottky alternative.
- ⤷What are the thermal considerations when using a PBYR340 at its maximum 3A current?
- ⤷ Can I use a PBYR340 in a circuit with a 48V power supply?
- ⤷ How does a Schottky diode differ from a standard PN junction diode in terms of recovery time?