AI

The **PCSV80-R90T-RC** is a high-performance proportional control solenoid valve typically used in hydraulic systems for mobile machinery and industrial automation. This specific model is part of a series known for precise fluid regulation through electronic signals.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic and mechanical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Proportional Control Solenoid Valve |
| **Operating Voltage** | 12V or 24V DC (Model dependent) |
| **Control Signal** | Pulse Width Modulation (PWM) |
| **Max Pressure** | Up to 350 Bar (Approx. 5000 PSI) |
| **Flow Rate** | Nominal 80 L/min |
| **Resistance** | Approx. 5.0 - 7.5 Ohms (at 24V) |
| **Connector Type** | Deutsch DT04-2P or Junior Timer |
---
### 2. Electronic Operating Principle
The "PCSV" (Proportional Control Solenoid Valve) functions by converting an electrical input into a proportional mechanical force.
1. **PWM Control:** Unlike standard ON/OFF valves, this unit is driven by a **PWM (Pulse Width Modulation)** signal. By varying the duty cycle of the signal, the electronic controller manages the average current flowing through the coil.
2. **Magnetic Force:** The current generates a magnetic field in the solenoid coil, which moves an internal armature against a spring.
3. **Proportional Displacement:** The distance the armature moves is directly proportional to the current applied. This allows for fine-tuning of the hydraulic flow or pressure rather than simple binary switching.
4. **Dither:** To reduce "stiction" (static friction) and hysteresis, the electronic controller often applies a high-frequency vibration (dither) to the signal, keeping the internal spool in constant micro-motion.
---
### 3. Electronic Protection & Safety
To ensure longevity and reliability in harsh electrical environments, the PCSV80-R90T-RC incorporates:
* **Ingress Protection (IP67/69K):** The electronics are sealed against moisture and high-pressure washdowns.
* **Thermal Rating:** Designed to operate in high ambient temperatures (Class H insulation, up to 180°C).
* **EMC Compliance:** Shielded to prevent Electromagnetic Interference (EMI) from affecting other vehicle sensors or controllers.
---
### 4. Typical Connection Logic
In a standard integration, the wiring follows this basic structure:
```cpp
// Logic flow for a PWM Controller driving the PCSV
Target_Flow = read_joystick_input(); // 0 to 100%
Current_Required = map(Target_Flow, 0, 100, MIN_AMPS, MAX_AMPS);
PWM_Duty_Cycle = calculate_pwm(Current_Required);
output_to_valve(PWM_Duty_Cycle);
```
- ⤷
What is the recommended PWM frequency for the PCSV80 series?
- ⤷ How do I troubleshoot a solenoid coil failure in this valve?
- ⤷ What are the common hydraulic fluid requirements for the R90T model?