Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PDU-DN1R-R/Q

  • AI
    The **PDU-DN1R-R/Q** is a high-performance Power Distribution Unit (PDU) typically used in industrial automation, telecommunications, and server rack environments. This specific model is designed for 1U rack-mount installation and focuses on intelligent power management and monitoring. --- ### Core Electronic Components and Subsystems The internal architecture of the PDU-DN1R-R/Q can be broken down into four primary electronic layers: | Component Category | Description | Key Parts/Functions | | :--- | :--- | :--- | | **Power Input Stage** | The entry point for AC power. | Surge Protection Device (SPD), EMI/RFI filtering, and heavy-duty terminal blocks. | | **Switching & Protection** | Manages the flow to outlets. | Electromagnetic relays (for switching) and Thermal Circuit Breakers (for overcurrent protection). | | **Control Unit (MCU)** | The "Brain" of the device. | An embedded Microcontroller (often ARM-based) that handles logic, sensors, and communication. | | **Monitoring Circuitry** | Measures electrical parameters. | Current Transformers (CTs), Voltage dividers, and Analog-to-Digital Converters (ADC). | --- ### Technical Specifications (Electronic Focus) Below are the typical electronic characteristics for the DN1R series: - **Voltage Range:** Usually 110V - 250V AC, 50/60Hz. - **Current Capacity:** 16A to 32A (model dependent). - **Communication Ports:** RJ45 (Ethernet/SNMP), RS485 (Modbus), and sometimes USB for local configuration. - **Display:** LED or LCD panel providing real-time data on Amps, Volts, and Kilowatts. --- ### Key Electronic Features #### 1. Intelligent Monitoring The unit features individual or aggregate current monitoring. This is achieved through **Hall Effect sensors** or **Shunt Resistors** that provide precise feedback to the MCU regarding power consumption. #### 2. Network Interface Card (NIC) The "Q" and "R" suffixes often denote advanced networking capabilities. This includes an integrated web server allowing for: * Remote On/Off switching via **Web GUI**. * **SNMP** (Simple Network Management Protocol) integration for data center management software. * Threshold alerts (Email/SMS) when current exceeds safe limits. #### 3. Power Factor & Energy Metering Unlike basic power strips, this unit contains specialized **Energy Metering ICs** that calculate: * **Active Power (W)** * **Apparent Power (VA)** * **Power Factor (PF)** * **Accumulated Energy (kWh)** #### 4. Sequential Powering The electronic control logic allows for "Power Sequencing." This prevents **Inrush Current** issues by turning on connected devices one by one with a programmable delay, preventing the main circuit breaker from tripping. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the PDU-DN1R series?
    • ⤷ How does the sequential power-on feature prevent circuit overloads?
    • ⤷ What is the difference between the 'R' and 'Q' variants in this model?