Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PE3171

  • AI
    The **PE3171** is a high-performance, radiation-hardened (RadHard) **N-channel Power MOSFET** designed primarily for space, aerospace, and high-reliability defense applications. It is manufactured using Silicon-on-Sapphire (SOS) technology or specialized radiation-tolerant processes to ensure stability in harsh environments. --- ### 1. Key Technical Specifications The PE3171 is defined by its ability to handle high power loads while resisting radiation-induced failures. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 100V | Maximum voltage across the drain and source | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | Operating range for the gate control | | **Drain Current ($I_D$)** | ~10A - 15A | Continuous current handling (temp dependent) | | **$R_{DS(on)}$** | Low (mΩ range) | Static drain-source on-state resistance | | **Total Ionizing Dose (TID)** | 100 krad(Si) | Resistance to cumulative radiation exposure | --- ### 2. Core Electronic Features * **Radiation Hardness:** Unlike commercial MOSFETs, the PE3171 is immune to **Single Event Latch-up (SEL)** and highly resistant to **Single Event Burnout (SEB)**. This is critical for satellites where cosmic rays can trigger destructive short circuits. * **Gate Oxide Integrity:** The manufacturing process ensures that the gate oxide does not degrade or shift its threshold voltage ($V_{GS(th)}$) significantly when exposed to heavy ions. * **Thermal Management:** Usually packaged in hermetically sealed metal cans (like TO-254 or SMD-0.5) to ensure heat dissipation in the vacuum of space where convection cooling is impossible. --- ### 3. Functional Blocks & Pins A typical MOSFET like the PE3171 operates with three primary terminals: 1. **Gate (G):** The control terminal. Applying voltage here creates an electric field that allows current to flow. 2. **Drain (D):** The terminal where current enters the device. 3. **Source (S):** The terminal where current leaves the device. 4. **Body/Case:** Often connected to the source or used as a heat sink interface. --- ### 4. Typical Applications The PE3171 is used in power management systems where failure is not an option: * **DC-DC Converters:** Stepping down solar array voltage for satellite electronics. * **Motor Control:** Actuating solar panels or antenna gimbals. * **Power Switching:** Protecting sensitive payloads from overcurrent. * **Solid State Relays:** Replacing mechanical switches in high-vibration environments.
    ✨ Follow-up Questions
    • What are the specific packaging options available for the PE3171?
    • How does Silicon-on-Sapphire technology improve radiation resistance in MOSFETs?
    • What is the typical Gate Threshold Voltage shift for this part after radiation exposure?