Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PE3660LF

  • AI
    ## Technical Overview of the PE3660LF The **PE3660LF** is a high-performance **Prescaler** (frequency divider) integrated circuit developed by **pSemi** (formerly Peregrine Semiconductor). It is specifically designed using their proprietary **UltraCMOS®** technology on a sapphire substrate, which allows for high-frequency operation with low power consumption and high ESD tolerance. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Divide-by-4 Prescaler | | **Frequency Range** | 1.5 GHz to 13.5 GHz | | **Supply Voltage ($V_{DD}$)** | 2.85V to 3.15V (Nominal 3.0V) | | **Operating Current** | ~11 mA | | **Output Power** | -5 dBm (typical) | | **Package Type** | 8-lead MSOP (with exposed paddle) | | **Phase Noise** | Very low (Additive Phase Noise < -150 dBc/Hz) | --- ### 2. Functional Description The primary function of the PE3660LF is to take a high-frequency input signal (up to 13.5 GHz) and divide it by a fixed ratio of **4**. This resulting lower-frequency signal can then be processed by standard Phase-Locked Loops (PLLs) or frequency counters that cannot handle signals in the X-band or Ku-band directly. #### Core Electronic Features: * **UltraCMOS® Technology:** Provides the performance of GaAs (Gallium Arsenide) but with the reliability and integration of standard CMOS. * **Wideband Operation:** It functions across a massive bandwidth, making it versatile for various microwave applications. * **Differential Input/Output:** It utilizes differential signals to minimize noise and improve common-mode rejection. * **Low Power Consumption:** At approximately 33mW, it is highly efficient for battery-operated or thermally sensitive designs. --- ### 3. Application Areas The PE3660LF is commonly found in electronic systems requiring precise frequency synthesis or measurement: 1. **Satellite Communications (SATCOM):** Down-converting high-frequency transponder signals. 2. **Point-to-Point Terrestrial Radios:** Used in backhaul infrastructure for telecommunications. 3. **Test and Measurement:** High-speed oscilloscopes and frequency counters. 4. **Radar Systems:** Local oscillator (LO) generation for X-band radar. --- ### 4. Typical Connection Diagram (Simplified) ```mermaid graph LR A[RF Input 1.5-13.5 GHz] --> B(PE3660LF Prescaler) C[Vdd 3.0V] --> B B --> D[RF Output /4 Frequency] D --> E[PLL / Frequency Counter] ```
    ✨ Follow-up Questions
    • What are the layout requirements for the exposed paddle on the PE3660LF?
    • How does the phase noise of the PE3660LF compare to GaAs-based prescalers?
    • What is the sensitivity level of the RF input across its frequency range?