Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PIC18F4680ISPQTP

  • AI
    The **PIC18F4680-I/P** is a high-performance, 8-bit microcontroller (MCU) from Microchip Technology’s PIC18 family. It is widely recognized for its integrated **CAN (Controller Area Network)** module, making it a standard choice for automotive and industrial control applications. --- ### ## Technical Specifications Overview The core architecture is based on the enhanced PIC18 layout, featuring a 31-level hardware stack and internal oscillator options. | Feature | Specification | | :--- | :--- | | **Flash Program Memory** | 64 KB | | **RAM (Data Memory)** | 3,328 Bytes | | **EEPROM** | 1,024 Bytes | | **Operating Voltage** | 2.0V to 5.5V | | **Max CPU Speed** | 40 MHz (10 MIPS) | | **I/O Pins** | 36 Pins | | **Package Type** | PDIP-40 (Plastic Dual In-line Package) | --- ### ## Key Electronic Modules #### ### 1. Integrated CAN Module The standout feature of this IC is the **ECAN™ technology**. It supports CAN 2.0B Active specifications and features: * Three modes of operation: Legacy, Enhanced Legacy, and FIFO. * Dedicated transmit and receive buffers. * Hardware filtering for message IDs. #### ### 2. Analog-to-Digital Converter (ADC) * **Resolution:** 10-bit. * **Channels:** 11 independent channels. * **Utility:** Essential for reading sensors (temperature, pressure, etc.) in industrial environments. #### ### 3. Specialized Peripheral Features * **Capture/Compare/PWM (CCP) Modules:** Used for generating pulse-width modulation signals for motor control or capturing timing events. * **MSSP Module:** Supports **SPI** (Serial Peripheral Interface) and **I2C** (Inter-Integrated Circuit) communication. * **EUSART:** Enhanced Universal Synchronous Asynchronous Receiver Transmitter for RS-232 or RS-485 serial communication. #### ### 4. Power Management (nanoWatt Technology) The chip includes power-saving modes critical for battery-operated devices: * **Run:** CPU and peripherals on. * **Idle:** CPU off, peripherals on. * **Sleep:** Both CPU and peripherals off (lowest power). --- ### ## Pin Configuration Highlights (PDIP-40) The 40-pin layout allows for significant peripheral expansion. ```text Pin 1: MCLR/VPP (Reset) Pin 2-10: PORTA (Analog inputs/Digital I/O) Pin 11, 32: VDD (Positive Supply) Pin 12, 31: VSS (Ground) Pin 13-14: OSC1/OSC2 (External Crystal input) Pin 23-26: CAN Communication (CANTX/CANRX) ``` --- ### ## Common Applications * **Automotive:** Diagnostic tools, body control modules, and sensor nodes. * **Industrial:** Factory automation using CANopen or DeviceNet protocols. * **Medical:** Portable monitoring equipment requiring reliable communication.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'I/P' and 'E/P' suffixes in Microchip part numbers?
    • ⤷ How do you interface the PIC18F4680 with a CAN transceiver like the MCP2551?
    • ⤷ What programming tools are required to upload code to this specific microcontroller?