Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PL602-04HOC-R

  • AI
    ### Technical Overview: PL602-04HOC-R The **PL602-04HOC-R** is a high-performance, low-power integrated circuit (IC) belonging to the **Phase-Locked Loop (PLL) Clock Buffer/Multiplier** family. It is primarily used to generate high-frequency clock signals from lower-frequency crystal or clock inputs. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Part Number** | PL602-04HOC-R | | **Function** | HCSL Clock Generator / Frequency Multiplier | | **Output Type** | HCSL (Host Clock Signal Level) | | **Input Frequency** | 25 MHz (Typical) | | **Output Frequency** | 100 MHz (Commonly used for PCIe) | | **Operating Voltage** | 2.5V to 3.3V | | **Package Type** | SOT-23 (6-pin) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | 0°C to +70°C (Commercial) | --- ### 2. Electronic Components & Internal Architecture The PL602-04HOC-R consists of several internal sub-circuits designed to minimize jitter and phase noise: 1. **Crystal Oscillator Interface:** Contains the circuitry necessary to drive an external crystal (typically 25MHz) to establish a stable reference frequency. 2. **Phase-Locked Loop (PLL):** The "core" of the device. It multiplies the input frequency by a fixed ratio (e.g., 4x) to reach the target output frequency. 3. **HCSL Output Buffer:** A specialized differential output stage designed to drive 50-ohm transmission lines, specifically required for PCI Express (PCIe) standards. 4. **Voltage Regulator:** Internal circuits that stabilize the power supply to ensure low phase noise despite ripples in the main power line. --- ### 3. Pin Configuration (SOT-23-6L) | Pin # | Symbol | Description | | :--- | :--- | :--- | | 1 | **XIN / CLK** | Crystal input or reference clock input. | | 2 | **VDD** | Power supply (2.5V or 3.3V). | | 3 | **XOUT** | Crystal output (leave floating if using external clock). | | 4 | **OUT-** | Complementary HCSL output. | | 5 | **OUT+** | True HCSL output. | | 6 | **GND** | Ground connection. | --- ### 4. Application Areas The **PL602-04HOC-R** is widely used in systems requiring high-speed differential clocking: * **PCI Express Gen 1/2/3:** Providing the 100MHz reference clock for chipsets and GPUs. * **Network Switches/Routers:** Clocking for high-speed Ethernet controllers. * **Embedded Systems:** Small form-factor boards where space for large oscillators is limited. * **Storage Systems:** SATA and SAS interface clocking. --- ### 5. Part Number Suffix Breakdown * **PL602-04:** The base model/series identifier. * **H:** High Drive/HCSL output type. * **O:** Operation temperature (Commercial). * **C:** Package code (SOT-23). * **-R:** Tape and Reel packaging (for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What are the specific jitter requirements for PCIe Gen 3 that this chip meets?
    • ⤷ How does HCSL output differ from LVPECL or LVDS in this context?
    • ⤷ Can this chip be used with a 3.3V supply without external voltage regulators?