PL611-30XXXSC-R
AI

## Overview of PL611-30XXXSC-R
The **PL611-30XXXSC-R** belongs to the Microchip (formerly PhaseLink) family of high-performance, low-power programmable clock generators. It is designed to provide a flexible frequency synthesis solution for various consumer and industrial electronics.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Microchip Technology |
| **Device Category** | Programmable Clock Generator (PLL) |
| **Output Frequency** | Up to 200 MHz |
| **Input Frequency** | 10 MHz to 30 MHz (Crystal) / Up to 166 MHz (Reference) |
| **Operating Voltage** | 2.25V to 3.63V |
| **Output Type** | CMOS |
| **Package** | SOP-8 / SOIC-8 (Small Outline IC) |
| **Temperature Range** | 0°C to +70°C (Commercial) |
---
### Core Electronic Components & Features
1. **Phase-Locked Loop (PLL):**
* The heart of the chip is a low-phase-noise PLL that multiplies or divides the reference input frequency.
* It allows for non-standard frequency generation from standard crystals.
2. **Internal Programming (EEPROM/OTP):**
* The "XXX" in the part number signifies that this is a factory-programmed version. The specific frequency and configuration are burned into the device based on the customer's request.
3. **Output Enable (OE) Function:**
* Most variants include an OE pin to tristate the output, reducing power consumption when the clock signal is not needed.
4. **Low Jitter Architecture:**
* Optimized for high-speed data transmission interfaces, ensuring minimal timing deviations.
---
### Pin Configuration (Typical SOIC-8)
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | XIN / CLK | Crystal Input or Reference Clock |
| 2 | VDD | Power Supply |
| 3 | GND | Ground |
| 4 | XOUT | Crystal Output (leave open if using external clock) |
| 5 | CLKOUT | Programmable Clock Output |
| 6 | OE / PDB | Output Enable or Power Down |
| 7-8 | NC / Config | No connection or specific configuration pins |
---
### Application Usage
* **Networking:** Routers, switches, and modems.
* **Storage:** HDD and SSD controllers.
* **Consumer:** Set-top boxes, digital cameras, and printers.
* **Embedded Systems:** Microcontroller clocking where a specific, non-standard frequency is required.
- ⤷
What do the specific 'XXX' digits represent in the part number?
- ⤷ How does the 'R' suffix affect the packaging or ordering process?
- ⤷ What is the difference between this model and the PL611-01 series?