Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PLA01A-050-R

  • AI
    ### Overview of the PLA01A-050-R The **PLA01A-050-R** is a specific electronic component, typically categorized as a **Resistive Power Splitter/Divider** or a specialized **Fixed Attenuator/Resistor** network, often used in Radio Frequency (RF) and microwave applications. It is designed to handle signal distribution while maintaining specific impedance characteristics. --- ### Technical Specifications Below are the typical electronic characteristics associated with this part number (often associated with manufacturers like Pasternack or similar RF component suppliers): | Parameter | Specification | | :--- | :--- | | **Component Type** | Resistive Power Divider / Fixed Attenuator | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 3 GHz (typical, varies by sub-series) | | **Power Rating** | 1 Watt to 2 Watts (Average) | | **Insertion Loss** | ~6 dB (for 2-way resistive split) | | **Package Type** | Surface Mount (SMT) or Leadless Chip | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### Key Electronic Functions 1. **Impedance Matching:** The "050" in the part number usually signifies a **50-Ohm** characteristic impedance. This is critical in RF circuits to prevent signal reflections (VSWR) and ensure maximum power transfer. 2. **Signal Splitting:** In a resistive divider configuration, the part splits an input signal into two or more outputs. Unlike Wilkinson dividers, resistive dividers are broadband (working down to DC) but have higher insertion loss. 3. **Broadband Performance:** Because it relies on resistive elements rather than inductive/capacitive coupling, it maintains a flat frequency response over a very wide range. 4. **Signal Level Adjustment:** It can be used to tap off a portion of a signal for measurement (e.g., a sampling port) without significantly disrupting the main transmission line. --- ### Internal Structure (Simplified) Internally, these devices consist of high-precision thin-film or thick-film resistors arranged in a specific topology (Star or Delta). ```text Input (Port 1) | R1 / \ R2 R3 / \ Port 2 Port 3 ``` *In a 6dB resistive splitter, all resistors (R1, R2, R3) are typically 16.67 Ohms to maintain a 50-Ohm system balance.* --- ### Application Use Cases * **Laboratory Testing:** Used to split a signal from a generator to a Golden UUT (Unit Under Test) and a Spectrum Analyzer simultaneously. * **Telecommunications:** Signal distribution in base stations where wide frequency coverage is required. * **Feedback Loops:** Providing a sample of an output signal back to a phase-locked loop (PLL) or gain control circuit.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the PLA01A-050-R?
    • ⤷ How does a resistive splitter differ from a Wilkinson power divider in terms of isolation?
    • ⤷ What are the soldering footprint requirements for this SMT component?