The question interval is too short. Please try again in a few seconds.
PLC-RSP-12DC
AI
The **PLC-RSP-12DC/21** is a specific type of **PLC-Interface Relay Module** manufactured by Phoenix Contact. It is designed to bridge the gap between low-power control signals (from a PLC) and high-power field devices.
Below is a breakdown of its electronic components and specifications.
---
### 1. Component Overview
The device consists of two primary parts that work together as a single unit:
| Component | Description |
| :--- | :--- |
| **Relay Base** | The terminal block housing that provides DIN rail mounting and wiring connections. |
| **Plug-in Relay** | The electromechanical switching element that can be replaced without disconnecting wires. |
| **LED Indicator** | A status light (usually yellow) that illuminates when the coil is energized. |
| **Protection Circuit** | Integrated diode for polarity protection and surge suppression. |
---
### 2. Technical Specifications
The electronic performance of the module is divided into the **Input (Coil) Side** and the **Output (Contact) Side**.
#### A. Input Side (Control)
This is the side connected to your PLC or controller.
* **Nominal Input Voltage:** 12V DC.
* **Typical Input Current:** Approximately 15.3 mA.
* **Protective Circuitry:** Includes a **Free-wheeling diode** (to protect the PLC from inductive voltage spikes when the relay turns off) and Polarity protection.
#### B. Output Side (Switching)
This is the "dry contact" that manages the load.
* **Contact Type:** 1 PDT (Power Double Throw) / SPDT (Single Pole Double Throw).
* **Contact Material:** Silver Tin Oxide (AgSnO).
* **Maximum Switching Voltage:** 250V AC/DC.
* **Limiting Continuous Current:** 6A.
---
### 3. Connection Diagram Logic
The unit typically uses screw or push-in connections labeled numerically:
| Terminal | Function |
| :--- | :--- |
| **A1 / A2** | Coil connections (12V DC input). |
| **11** | Common (COM) contact. |
| **12** | Normally Closed (NC) contact. |
| **14** | Normally Open (NO) contact. |
---
### 4. Key Advantages
* **Isolation:** Provides electrical galvanic isolation between the sensitive 12V DC control logic and high-voltage 230V AC loads.
* **Modular Design:** The "RSP" series often features spring-cage or push-in technology for vibration-resistant connections.
* **Space Saving:** Slim profile (typically 6.2mm wide) allows for high-density mounting on DIN rails.
✨ Follow-up Questions
⤷
What is the difference between the RSP (Spring-cage) and RSC (Screw connection) versions?
⤷ How do I test if the relay coil has failed versus the contact points?
⤷ Can this relay be used to switch inductive loads like small motors?