PLL500-15SCL-R
AI

## Electronic Specifications and Overview of PLL500-15SCL-R
The **PLL500-15SCL-R** is a high-performance Low Phase Noise Phase Locked Loop (PLL) clock multiplier IC, typically manufactured by Microchip Technology (formerly Micrel/PhaseLink). It is designed to generate high-frequency outputs from lower-frequency crystal or reference inputs.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Low Phase Noise VCXO / Multiplier |
| **Input Frequency Range** | 10MHz to 27MHz (Crystal or Reference) |
| **Output Frequency Range** | 20MHz to 54MHz (Multiplication factor of 2x) |
| **Operating Voltage (VDD)** | 3.3V (±10%) |
| **Output Type** | CMOS |
| **Package Type** | SOIC-8 (Small Outline Integrated Circuit) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **Phase Noise** | Very Low (-130 dBc/Hz @ 1kHz offset) |
---
### 2. Functional Components
The device integrates several critical electronic stages to achieve stable frequency synthesis:
1. **Crystal Oscillator (VCXO) Stage:** It interfaces with an external fundamental crystal (10MHz–27MHz). The "VCXO" capability allows for small frequency adjustments via a control voltage.
2. **Phase Locked Loop (PLL):** An internal analog PLL locks to the reference frequency and uses a Voltage Controlled Oscillator (VCO) to stabilize the output.
3. **Frequency Multiplier:** Specifically configured to provide a **2x output** relative to the input frequency.
4. **Output Buffer:** A CMOS drive stage that ensures signal integrity across the PCB traces.
---
### 3. Pin Configuration (SOIC-8)
| Pin # | Symbol | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Voltage Control input for VCXO |
| 2 | **XIN** | Crystal input or Reference Clock |
| 3 | **GND** | Ground connection |
| 4 | **XOUT** | Crystal connection (leave open if using Ref Clock) |
| 5 | **CLK** | CMOS Clock Output |
| 6 | **VDD** | Power Supply (3.3V) |
| 7 | **OE** | Output Enable (High = Enable, Low = High Z) |
| 8 | **NC** | No Connection |
---
### 4. Part Number Breakdown
* **PLL500-15**: The base series and specific internal configuration (2x multiplier).
* **S**: Package code for **SOIC**.
* **C**: Temperature range (**Commercial**: 0°C to 70°C).
* **L**: Lead-free / RoHS compliant.
* **-R**: Shipped in **Tape and Reel** format.
---
### 5. Common Applications
* **Networking:** Gigabit Ethernet and Fibre Channel clocking.
* **Audio/Video:** Low-jitter master clocks for DACs and ADCs.
* **Telecommunications:** Frequency synthesis for base stations.
* **Set-top Boxes:** System clock generation.
- ⤷
What is the maximum output frequency jitter for the PLL500-15 series?
- ⤷ Can this IC be used with a 1.8V power supply?
- ⤷ What are the layout best practices for the crystal input pins on this SOIC-8 package?