PLL502-35OC-R
AI

## Technical Overview: PLL502-35OC-R
The **PLL502-35OC-R** is a high-performance, low-phase-noise **Phase-Locked Loop (PLL) Clock Multiplier** integrated circuit. It is manufactured by Microchip Technology (formerly PhaseLink) and is designed specifically for high-speed clock generation in networking and storage applications.
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Component Type** | PLL Clock Multiplier / Buffer |
| **Output Type** | LVCMOS (Low Voltage Complementary Metal Oxide Semiconductor) |
| **Frequency Range** | 622.08 MHz (Typical optimized output) |
| **Input Range** | 19.44 MHz or 38.88 MHz Crystal/Clock |
| **Supply Voltage** | 3.3V (± 10%) |
| **Package** | SOP-8 (Small Outline Package, 8-pin) |
| **Operating Temp** | 0°C to +70°C (Commercial Grade) |
---
### 2. Functional Components
The IC consists of several internal stages that allow it to take a low-frequency reference and convert it into a stable high-frequency clock signal:
* **Reference Oscillator:** Accepts a fundamental mode crystal or an external reference clock.
* **Phase Detector (PD):** Compares the phase of the input clock to the feedback clock.
* **Voltage Controlled Oscillator (VCO):** Generates the high-frequency output based on the error voltage from the phase detector.
* **Frequency Multiplier:** Specifically designed to provide multipliers for SONET/SDH frequencies (e.g., 622.08 MHz).
### 3. Pin Configuration (SOP-8)
| Pin # | Pin Name | Description |
| :--- | :--- | :--- |
| 1 | XIN / CLK | Crystal Input or Reference Clock Input |
| 2 | XOUT | Crystal Output (Leave floating if using external clock) |
| 3 | VDD | Positive Power Supply (3.3V) |
| 4 | GND | Ground |
| 5 | OE | Output Enable (High = Enable, Low = High Impedance) |
| 6 | FSEL | Frequency Select (Configures the multiplication factor) |
| 7 | CLK_OUT | Main Clock Output (High Speed) |
| 8 | NC / TEST | No Connection or Manufacturer Test Pin |
---
### 4. Key Features and Advantages
1. **Low Jitter:** Optimized for "ultra-low jitter" (typically < 1ps RMS), making it suitable for fiber optics and Gigabit Ethernet.
2. **Pulling Range:** Often supports a wide pulling range if used in a VCXO (Voltage Controlled Crystal Oscillator) configuration.
3. **Space Efficiency:** The SOP-8 footprint is small, reducing PCB real estate requirements.
4. **No External Loop Filter:** The PLL loop filter is integrated on-chip, simplifying the circuit design for the engineer.
### 5. Common Applications
* **SONET / SDH:** Clock generation for OC-3, OC-12, and OC-48 systems.
* **Networking:** Gigabit Ethernet and Fibre Channel switches.
* **Storage:** SAN (Storage Area Network) equipment.
* **Data Conversion:** Providing high-stability clocks for ADCs or DACs.
- ⤷
What are the specific frequency multiplication factors supported by the FSEL pin?
- ⤷ How does the phase noise of this IC compare to standard crystal oscillators?
- ⤷ What is the recommended layout practice for the crystal traces to minimize jitter?