PMS-2-R/Q
AI

The **PMS-2-R/Q** is a high-performance, differential pressure monitoring switch, commonly used in industrial HVAC systems, cleanrooms, and filter monitoring applications. This device converts mechanical pressure changes into a discrete electrical signal to trigger alarms or control systems.
### 1. Technical Specifications
The core electronic and mechanical parameters are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Changeover switch (SPDT) |
| **Contact Load** | Max. 5 A / 250 V AC (Resistive) |
| **Pressure Range** | Typically 20 - 300 Pa or 50 - 500 Pa (Variant dependent) |
| **Connection Type** | Screw terminals (usually 3-pole) |
| **Cable Entry** | M16 or M20 gland |
| **Protection Class** | IP54 (NEMA 3 equivalent) |
---
### 2. Internal Electronic Components
The device operates on a mechanical-to-electrical interface. Here is a breakdown of the internal parts:
#### A. The Microswitch (The Core)
The primary electronic component is a **Snap-action Microswitch**.
* **Function:** When the pressure on the internal diaphragm reaches the setpoint, it triggers a mechanical lever that flips the microswitch.
* **Contacts:** It features **Silver (Ag) or Gold-plated** contacts to ensure low resistance and prevent oxidation over long periods of inactivity.
#### B. Terminal Block
The wiring is handled via a three-point terminal block labeled:
1. **COM (Common):** The input line.
2. **NC (Normally Closed):** Connected to COM when pressure is below the threshold.
3. **NO (Normally Open):** Connects to COM when pressure exceeds the threshold (Tripped state).
#### C. Adjustment Potentiometer/Dial
While the mechanism is mechanical (spring-loaded), the "logic" is set via a calibrated adjustment knob. This determines the compression force required to close the electrical circuit.
---
### 3. Wiring Logic
The following code snippet represents the logic used if this switch were integrated into a PLC (Programmable Logic Controller) system to monitor a filter:
```python
# Pseudo-code for Pressure Switch Integration
def monitor_filter_status(switch_input):
if switch_input == "CLOSED":
return "ALARM: Filter Clogged / Pressure High"
else:
return "STATUS: Normal Operation"
# Logic for a SPDT Switch
# NO (Normally Open) -> Alarms/High Pressure
# NC (Normally Closed) -> System Run/Healthy
```
---
### 4. Application Context
* **Filter Monitoring:** Detects the pressure drop across a filter. When the filter is dirty, pressure increases, the diaphragm moves, and the electronic switch triggers a "Change Filter" light.
* **Fan Supervision:** Ensures that a fan is actually spinning by detecting the differential air pressure it creates.
- ⤷
What is the wiring diagram for the SPDT contacts in the PMS-2-R/Q?
- ⤷ How do you calibrate the setpoint for this specific pressure switch?
- ⤷ Can this switch be used for liquid pressure monitoring or only air?