Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PPC405GPR-3JB266

  • AI
    The **PPC405GPR-3JB266** is a high-performance, low-power 32-bit RISC embedded processor based on the PowerPC architecture. It was originally designed by IBM (and later supported by AMCC) for networking, storage, and industrial control applications. --- ## 1. Technical Specifications Below are the primary electronic characteristics and performance metrics for this specific part: | Parameter | Specification | | :--- | :--- | | **Architecture** | PowerPC 405 (32-bit) | | **Clock Speed** | 266 MHz | | **Core Voltage** | 1.8V | | **I/O Voltage** | 3.3V | | **Package Type** | 416-pin PBGA (Plastic Ball Grid Array) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Instruction Cache** | 16 KB | | **Data Cache** | 16 KB | --- ## 2. Key Internal Components The "GPR" designation indicates a "General Purpose" variant with integrated peripherals designed to reduce system BOM (Bill of Materials) costs. ### A. The Processor Core * **Five-stage Pipeline:** Allows for single-cycle execution for most instructions. * **Hardware Multiply/Divide:** Speeds up mathematical computations without needing a separate FPU (Floating Point Unit) for integer-based math. ### B. Memory Controller * **SDRAM Controller:** Supports up to 2 banks of SDRAM with a 32-bit data bus. * **External Bus Controller (EBC):** Provides an interface for Flash memory, SRAM, and other ROM devices. ### C. Integrated Peripherals * **PCI Bridge:** A 32-bit PCI V2.2 compliant interface (up to 33MHz/66MHz). * **Ethernet MAC:** Integrated 10/100 Mbps Ethernet controller with MII interface. * **UARTs:** Two serial ports for debugging and console communication. * **I2C & GPIO:** Standard interfaces for connecting low-speed sensors and controlling logic signals. * **DMA Controller:** 4-channel controller for high-speed data transfers without CPU intervention. --- ## 3. Pinout and Physical Interface The **416-pin PBGA** package is designed for surface mount technology (SMT). Because it operates with split voltage (1.8V for the core logic and 3.3V for the I/O pins), it requires a robust Power Distribution Network (PDN) on the PCB to prevent signal integrity issues. ### Typical Application Circuit Requirements: 1. **Clocking:** Requires an external crystal or oscillator (typically 33MHz or 66MHz) which is then multiplied internally via an integrated Phase-Locked Loop (PLL). 2. **Termination:** High-speed signals on the SDRAM and PCI buses require proper impedance matching (typically 50-ohm traces). 3. **Reset Logic:** Dedicated hardware reset pins to initialize the internal state machines. --- ## 4. Use Cases The PPC405GPR-3JB266 is commonly found in: * **Legacy Networking Gear:** Routers, switches, and firewalls. * **Industrial Automation:** PLCs (Programmable Logic Controllers) and Human-Machine Interfaces (HMIs). * **Embedded Storage:** RAID controllers and NAS head units.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the PPC405GPR at 266MHz?
    • ⤷ How does the PPC405GPR handle boot-up sequences via the External Bus Controller?
    • ⤷ Which modern replacement chips are recommended for migrating away from this end-of-life PowerPC part?