PPC440SPE-RNB533C
AI

The **PPC440SPE-RNB533C** is a high-performance, embedded System-on-Chip (SoC) designed by IBM (later produced by AMCC/AppliedMicro). It belongs to the PowerPC 440 family and is specifically optimized for high-throughput storage, networking, and RAID controller applications.
---
## 1. Core Architecture Specifications
The heart of the chip is the PowerPC 440 superscalar core, designed for efficiency and high data throughput.
| Feature | Specification |
| :--- | :--- |
| **Core Architecture** | Book E PowerPC 440 |
| **Clock Speed** | 533 MHz |
| **Instruction Cache** | 32 KB (64-way set associative) |
| **Data Cache** | 32 KB (64-way set associative) |
| **L2 Cache** | 256 KB (Integrated SRAM) |
| **DMIPS** | ~1,066 DMIPS @ 533 MHz |
---
## 2. Integrated Peripheral Controllers
What makes the "SPE" variant unique is its focus on **Storage Processing Enhancement**. It includes dedicated hardware to offload data movement and parity calculations from the main CPU.
### A. RAID 6 Acceleration Engine
* **XOR Engine:** Accelerates RAID 5 calculations.
* **GF (Galois Field) Engine:** Provides hardware acceleration for P+Q parity, essential for RAID 6.
* **Function:** Reduces CPU utilization during heavy disk I/O operations.
### B. Memory Interface
* **Type:** DDR2 SDRAM Controller (32/64-bit).
* **Speed:** Up to 400 Mbps.
* **ECC Support:** Includes Error Correction Code to ensure data integrity in enterprise environments.
### C. High-Speed Connectivity
* **PCI-Express:** Integrated PCIe interfaces (typically 3 ports: one x8 and two x4).
* **PCI-X:** Support for legacy 64-bit PCI-X 1.0/2.0 interfaces.
* **Ethernet:** Dual Gigabit Ethernet (GbE) MACs with TCP/IP Offload support.
---
## 3. Electrical and Physical Characteristics
The "RNB533C" suffix denotes specific packaging and thermal ratings.
| Parameter | Details |
| :--- | :--- |
| **Package Type** | FC-PBGA (Flip-Chip Plastic Ball Grid Array) |
| **Pin Count** | 680-ball |
| **Voltage** | Core: ~1.5V / I/O: 1.8V, 2.5V, 3.3V |
| **Process Technology** | 0.13 micron CMOS |
---
## 4. Typical Applications
Due to its robust I/O and RAID acceleration, this chip is commonly found in:
1. **Enterprise NAS/SAN Controllers:** Managing high-speed disk arrays.
2. **External RAID Subsystems:** Handling hardware-level data redundancy.
3. **High-end Networking Switches:** Where localized processing of packets and storage is required.
---
- ⤷
What are the primary differences between the PPC440SPE and the standard PPC440GP?
- ⤷ Does the PPC440SPE-RNB533C support hardware-based encryption?
- ⤷ What is the maximum addressable memory for this specific SoC?