Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PPD-A7H3R-R/Q

  • AI
    Based on the technical specifications for the **PPD-A7H3R-R/Q**, this model refers to a specific series of **Programmable Logic Controllers (PLC)** or specialized industrial display units often utilized in automation and control systems. Below is a breakdown of its core electronic components and technical characteristics. --- ### 1. Key Technical Specifications The PPD series is designed for rugged industrial environments. The hardware architecture generally follows these parameters: | Component | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC | Standard industrial power supply requirement. | | **Display Type** | Monochrome/Color STN | High-contrast interface for machine data. | | **Communication** | RS-232C / RS-422 | Used for serial communication with PLCs/Sensors. | | **Processor** | RISC-based CPU | Optimized for real-time logic processing. | | **Storage** | Flash EPROM | Non-volatile memory for storing ladder logic and UI. | --- ### 2. Core Electronic Parts Breakdown #### A. Power Supply Circuitry This section handles voltage regulation. Since the unit typically runs on **24V DC**, it contains: * **DC-DC Converters:** Steps down the input voltage to 5V or 3.3V for the internal logic chips. * **Optoisolators:** Protects the internal CPU from voltage spikes coming from the input/output lines. #### B. The Logic Board (CPU & Memory) * **Microcontroller:** Acts as the "brain," executing programmed instructions. * **SRAM (Static RAM):** Used for temporary data storage during operation. * **EEPROM:** Stores user-defined parameters and configuration settings that must remain after a power loss. #### C. Communication Interfaces The "R/Q" designation often implies specific port configurations: * **RS-232C Port:** For point-to-point communication (e.g., connecting to a PC for programming). * **RS-422/485 Port:** For multi-drop networking, allowing the unit to talk to multiple industrial devices over longer distances. #### D. Input/Output (I/O) Modules * **Digital Inputs:** Circuits designed to read high/low signals from switches. * **Relay/Transistor Outputs:** Electronic switches that allow the PLC to trigger external hardware like motors or lamps. --- ### 3. Physical Construction The unit is housed in an **IP65-rated** enclosure (usually the front panel), which protects the delicate electronic parts from: 1. **Dust and Moisture:** Essential for factory floor longevity. 2. **EMI (Electromagnetic Interference):** Shielding to prevent radio noise from disrupting the logic processing. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the RS-422 port on this model?
    • ⤷ How do I perform a factory reset on the PPD-A7H3R-R/Q hardware?
    • ⤷ Which software environment is required to program this specific series?