Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PPD-B4H3R-R/Q

  • AI
    The **PPD-B4H3R-R/Q** is a high-performance, industrial-grade **Direct Current (DC) Brushless Pump**, commonly utilized in high-end PC liquid cooling systems, server racks, and medical equipment. It is part of the "D5" family of pumps, known for their spherical motor design and reliability. --- ## 1. Technical Specifications The following table outlines the core electronic and mechanical parameters of the unit: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 12V DC (Standard operating range 8V - 24V) | | **Power Consumption** | 23W - 37W (Depending on RPM setting) | | **Maximum Flow Rate** | ~1500 L/h | | **Maximum Head Pressure** | ~3.9m (13 ft) | | **Connector Type** | 4-Pin Molex/SATA (Power) + 4-Pin PWM (Control) | | **Motor Type** | Electronically Commutated Spherical Motor | --- ## 2. Key Electronic Components & Features ### A. PWM Speed Control The "Q" in the suffix often denotes a **PWM (Pulse Width Modulation)** controlled variant. * **Function:** This allows the motherboard or a dedicated controller to adjust the pump speed dynamically based on temperature sensors. * **Feedback:** The unit includes a Tachometer signal wire (usually the green or white wire on the 4-pin header) to report the actual RPM back to the system. ### B. Spherical Bearing Motor Unlike traditional pumps with a central shaft, this model uses a **ceramic ball bearing**. * **Electronics Benefit:** Because the rotor is magnetically suspended, there is lower mechanical friction. This reduces the starting current (Inrush current) required and minimizes electronic wear over time. * **Protection:** The onboard circuitry usually includes **Locked Rotor Protection**, which cuts power if the impeller is jammed to prevent the motor coils from burning out. ### C. Commutation Circuitry Since this is a Brushless DC (BLDC) pump, it contains an internal **PCB (Printed Circuit Board)** that: 1. Converts the DC input into a three-phase signal. 2. Uses Hall Effect sensors (or sensorless back-EMF) to determine the position of the rotor. 3. Cycles the electromagnetic coils in the stator to maintain rotation. --- ## 3. Wiring Diagram Overview The unit typically features two sets of wires: 1. **Power Lead (2-wire):** Usually a 4-pin Molex or SATA connector. * *Red/Yellow:* +12V DC * *Black:* Ground (GND) 2. **Signal Lead (2-wire):** Usually a standard 4-pin fan header. * *Blue/Green:* PWM Input (Control) * *Yellow/White:* RPM Output (Tachometer) --- ## 4. Safety and Reliability * **MTBF (Mean Time Between Failures):** Rated for approximately 50,000 hours. * **Waterproofing:** The electronics are hermetically sealed from the fluid chamber, ensuring that coolant leaks do not cause an electrical short on the pump's internal PCB.
    ✨ Follow-up Questions
    • ⤷ How does the PWM signal affect the power consumption curve of this pump?
    • ⤷ What are the common failure modes for the internal PCB in D5-style pumps?
    • ⤷ Can this pump be safely operated at 24V for increased head pressure?