Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PPD-C4M3R-R/Q

  • AI
    The **PPD-C4M3R-R/Q** is a specific electronic component, typically categorized as a **Pressure Sensor** or **Pressure Switch**, often utilized in industrial automation, pneumatic systems, and precision fluid control. Below is a breakdown of its core electronic characteristics and technical specifications. --- ## 1. Technical Specifications The device is designed for high-accuracy pressure monitoring. The following table summarizes its typical electrical and mechanical profile: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Digital Pressure Sensor / Pressure Switch | | **Input Voltage** | 12 to 24V DC (Standard industrial range) | | **Pressure Range** | Usually calibrated for -0.1 to 1.0 MPa (Model dependent) | | **Output Type** | NPN or PNP Open Collector (Dual outputs often available) | | **Current Consumption** | $\le$ 40mA | | **Response Time** | $\le$ 2.5ms (High-speed detection) | | **Connection Type** | M8 4-pin connector or Pre-wired cable | --- ## 2. Key Electronic Features ### A. Sensing Element The unit utilizes a **piezoresistive silicon element**. When pressure is applied, the resistance of the internal bridge changes, which is then converted into a digital or analog signal by the internal ASIC (Application-Specific Integrated Circuit). ### B. Output Logic (R/Q Suffix) The suffix codes often denote the specific output configuration: * **Dual Outputs:** Allows for two independent set-points (e.g., one for "System Ready" and one for "Overpressure Error"). * **Analog Output:** Some variations provide a 1-5V or 4-20mA signal for continuous monitoring rather than just a simple ON/OFF switch. ### C. Protection Circuitry To ensure longevity in industrial environments, the electronics include: * **Reverse Polarity Protection:** Prevents damage if the DC power leads are swapped. * **Short-Circuit Protection:** Protects the output transistors from overcurrent. * **Noise Filtering:** Integrated circuits to reduce Electromagnetic Interference (EMI) from nearby motors or solenoids. --- ## 3. Wiring Configuration The PPD series generally follows standard industrial color-coding for its internal electronics: ```yaml Pin 1 (Brown): +V (Power Supply 12-24V DC) Pin 2 (White): Output 2 (Secondary Digital/Analog) Pin 3 (Blue): 0V (Ground) Pin 4 (Black): Output 1 (Primary Digital) ``` --- ## 4. Typical Applications * **Leak Testing:** Detecting minute pressure drops in sealed chambers. * **Suction Verification:** Used in "Pick and Place" robotic arms to confirm a vacuum seal has been made. * **Pneumatic Line Monitoring:** Ensuring air compressors are maintaining the correct operating pressure for factory tools.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the set-points on the PPD-C4M3R-R/Q?
    • ⤷ What is the difference between the NPN and PNP output versions of this sensor?
    • ⤷ Can this sensor be used for liquid pressure monitoring or only air/gas?