Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PPD-D4H1N-R

  • AI
    The **PPD-D4H1N-R** is a specific model of a **Pressure Sensor** (typically a Digital Pressure Switch) manufactured by **Azbil** (formerly Yamatake). It is widely used in industrial automation for monitoring and controlling vacuum or positive gas pressure. ### 1. Technical Specifications The following table summarizes the primary electronic and operational characteristics: | Feature | Specification | | :--- | :--- | | **Pressure Range** | -101.3 to 101.3 kPa (Compound Pressure) | | **Power Supply** | 12 to 24 VDC (±10%) | | **Current Consumption** | ≤ 40 mA | | **Output Type** | NPN Open Collector (Dual Output) | | **Analog Output** | 1 to 5 VDC | | **Response Time** | ≤ 2.5 ms | | **Display** | 3.5 digit, 7-segment LED (Red) | | **Connection** | M8 4-pin Connector or Lead Wire (model dependent) | --- ### 2. Core Electronic Components The device functions through an integration of several key electronic subsystems: #### A. Piezoresistive Silicon Sensor At the heart of the unit is a silicon-based diaphragm with embedded resistors. When pressure is applied, the diaphragm deforms, changing the electrical resistance (the Piezoresistive effect). This change is converted into a linear voltage signal. #### B. Signal Conditioning Circuit (ASIC) Because the raw output from the silicon sensor is very small and prone to noise, an internal **Application-Specific Integrated Circuit (ASIC)** performs: * **Amplification:** Boosting the millivolt signal. * **Temperature Compensation:** Correcting errors caused by environmental temperature fluctuations. * **Linearization:** Ensuring the output corresponds accurately to the pressure scale. #### C. Control and Interface Electronics * **Microcontroller (MCU):** Processes the digital values, handles the logic for the "Switching" setpoints (Hysteresis/Window modes), and drives the LED display. * **NPN Transistors:** Acts as the physical switches for the digital outputs. Since it is an "NPN Open Collector," it sinks current to the negative (0V) rail when triggered. * **D-A Converter:** Converts the processed digital signal back to an analog 1-5V signal for external monitoring by a PLC or controller. --- ### 3. Wiring Configuration To integrate this part into a circuit, the standard 4-wire color coding is typically used: 1. **Brown (+V):** Power supply (12-24V DC). 2. **Blue (0V):** Ground/Common. 3. **Black (OUT 1):** Digital Output 1 (NPN). 4. **White (OUT 2 / Analog):** Digital Output 2 or Analog output (depending on specific sub-configuration). --- ### 4. Key Protection Features To ensure longevity in industrial environments, the internal electronics include: * **Reverse Polarity Protection:** Prevents damage if power wires are swapped. * **Short-Circuit Protection:** Protects the NPN outputs if the load is shorted. * **Noise Filtering:** Capacitors and ferrites to reduce Electromagnetic Interference (EMI).
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the zero-point on the PPD-D4H1N-R?
    • ⤷ What is the difference between NPN and PNP output types in pressure sensors?
    • ⤷ Can this sensor be used with corrosive liquids or only gases?