Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PPD-D4M3N-R/Q

  • AI
    The **PPD-D4M3N-R/Q** is a specific model identifier typically associated with **Keyence** pressure sensors (specifically the GP-M series or specialized industrial transducers). These devices are used to monitor fluid or gas pressure in automated systems. Below is a breakdown of its electronic components, specifications, and wiring. --- ### 1. Key Technical Specifications The "PPD" designation often refers to the sensor head or the digital output characteristics. Here are the typical electronic parameters for this class of device: | Feature | Specification | | :--- | :--- | | **Power Supply** | 12 to 24 VDC (±10% ripple) | | **Output Type** | NPN (Open Collector) or PNP (depending on Q/R suffix) | | **Current Consumption** | < 50 mA | | **Response Time** | Selectable (e.g., 2.5ms to 5000ms) | | **Protection Circuit** | Reverse polarity, Overcurrent, Surge protection | --- ### 2. Electronic Component Breakdown #### A. Sensing Element (The Transducer) Inside the tip of the unit is a **Piezoresistive Silicon Cell** or a **Ceramic Diaphragm**. - As pressure is applied, the mechanical strain changes the electrical resistance of the bridge circuit. - This analog change is converted into a digital signal via an internal **A/D Converter**. #### B. The Controller (MCU) The internal Microcontroller Unit (MCU) performs several functions: - **Linearization:** Corrects for non-linear behavior in the sensing element. - **Temperature Compensation:** Adjusts the reading based on an internal thermistor to prevent drift in hot/cold environments. - **Switching Logic:** Manages the "Set Points" (the pressure levels at which the electronic switch triggers). #### C. Output Stage (The "N" in the Part Number) The "N" usually signifies an **NPN Open Collector** output. - When the pressure reaches the threshold, the transistor closes the circuit to the ground (0V). - This is ideal for interfacing with PLC inputs that are "Sinking." --- ### 3. Wiring Diagram (Standard M12 Connector) Most sensors in this category use a 4-pin electronic interface: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | 1 | Brown | +V (12-24 VDC) | | 2 | White | Control Output 2 (or Analog 4-20mA) | | 3 | Blue | 0V (GND) | | 4 | Black | Control Output 1 (Main Switching) | --- ### 4. Circuit Protection Features To ensure industrial longevity, the electronic parts include: 1. **Zener Diodes:** To clip voltage spikes from inductive loads. 2. **Opto-Isolators:** (In some variations) to prevent noise from the power line affecting the sensor accuracy. 3. **Short-circuit Protection:** The output will automatically shut down if the load exceeds the rated current (usually 100mA). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in this part number?
    • ⤷ How do I calibrate the zero-point on this electronic pressure sensor?
    • ⤷ Can this sensor provide an analog 4-20mA signal in addition to the digital output?