Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PRCP-RX065/72

  • AI
    The **PRCP-RX065/72** is a specific model of Resettable Fuse, part of the **PTC (Positive Temperature Coefficient)** family. These components are commonly referred to as Polyfuses or Polyswitches and are used for overcurrent protection in electronic circuits. --- ### 1. Technical Specifications The following table highlights the primary electrical characteristics of the PRCP-RX065/72: | Parameter | Specification | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 0.65 A | Maximum current at which the device will not trip (at 23°C). | | **$I_{trip}$** | 1.30 A | Minimum current at which the device is guaranteed to trip. | | **$V_{max}$** | 72 V | Maximum voltage the device can withstand without damage. | | **$I_{max}$** | 40 A | Maximum fault current the device can safely interrupt. | | **$R_{min}$ / $R_{max}$** | 0.48 / 1.17 $\Omega$ | Initial resistance range before tripping. | | **Mounting Type** | Radial Leaded | Through-hole components with wire leads. | --- ### 2. Functional Principles The PRCP-RX065/72 functions as a **thermistor**. Unlike a standard one-time fuse that blows and must be replaced, this part "resets" itself once the fault is cleared and the temperature drops. * **Normal State:** The conductive particles inside the polymer form a low-resistance path, allowing current to flow to the load. * **Trip State:** During an overcurrent or short circuit, the internal temperature rises ($I^2R$ heating). The polymer expands, breaking the conductive paths and increasing resistance dramatically. This limits the current to a safe leakage level. * **Reset State:** Once power is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse returns to a low-resistance state. --- ### 3. Key Applications Because of its **72V rating**, this specific model is ideal for industrial and telecommunications environments where standard 12V or 24V protections are insufficient. 1. **Industrial Controls:** Protecting sensors and PLC I/O ports. 2. **Security Systems:** Overcurrent protection for CCTV cameras and alarm panels. 3. **Power Supplies:** Secondary protection for transformers and DC-DC converters. 4. **IEEE 802.3 Ethernet:** Protection in Power over Ethernet (PoE) hardware. --- ### 4. Comparison: PTC vs. Standard Fuse | Feature | PRCP-RX065/72 (PTC) | Standard Glass Fuse | | :--- | :--- | :--- | | **Resetability** | Automatically resets after cooling. | One-time use; must be replaced. | | **Resistance** | Higher (affects circuit voltage drop). | Very low. | | **Trip Speed** | Relatively slow (thermal-based). | Can be very fast (Fast-blow models). | | **Maintenance** | Low (no technician required). | High (requires manual intervention). |
    ✨ Follow-up Questions
    • ⤷ What is the typical 'time-to-trip' for the PRCP-RX065/72 at 5 times the hold current?
    • ⤷ How does ambient temperature affect the $I_{hold}$ rating of this PTC?
    • ⤷ Can this component be used in series for higher voltage applications?