PS5023-2R2
AI

The **PS5023-2R2** is a surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It is designed to store energy in a magnetic field to smooth out current fluctuations.
### Technical Specifications
Below are the typical electronic characteristics for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~18-25 mΩ (Typical) |
| **Saturation Current (Isat)** | ~4.5A - 5.5A |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 5.0mm x 5.0mm x 2.3mm |
---
### Key Electronic Components & Construction
#### 1. The Core Material
The "PS" series typically utilizes a **Ferrite core**. Ferrite is preferred for high-frequency applications because it has low eddy current losses, allowing the inductor to remain efficient at switching frequencies ranging from 100 kHz to several MHz.
#### 2. Winding (Copper Wire)
The internal structure consists of a copper wire coil wound around the core. The "2R2" designation indicates an inductance of 2.2 microhenries. The thickness of this wire determines the **DCR (Direct Current Resistance)**; a lower DCR is better as it minimizes heat generation during operation.
#### 3. Magnetic Shielding
The PS5023 is generally a **shielded inductor**. This means the coil is encased in a magnetic resin or a ferrite housing.
* **Purpose:** It prevents magnetic flux from leaking out and interfering with nearby sensitive components (EMI - Electromagnetic Interference).
---
### Typical Applications
Due to its small footprint and high current handling, the PS5023-2R2 is found in:
* **Voltage Regulator Modules (VRMs):** Used in laptops and PCs.
* **DC-DC Buck Converters:** Stepping down voltage for smartphones or tablets.
* **LED Drivers:** Providing stable current to high-brightness LEDs.
* **Power Supplies:** Filtering noise in distributed power systems.
---
### Part Number Breakdown
* **PS**: Series code (Manufacturer specific, often shielded power series).
* **5023**: Dimensions (5.0mm x 5.0mm base, 2.3mm height).
* **2R2**: Inductance value. The 'R' acts as a decimal point ($2.2 \mu H$).
- ⤷
What is the difference between saturation current and rms current for this inductor?
- ⤷ Can I replace a 2.2uH inductor with a 4.7uH one in a buck converter?
- ⤷ How does the shielding in the PS5023-2R2 affect its EMI performance?