PS5025G
AI

The **PS5025G** is a high-efficiency Power over Ethernet (PoE) PD (Powered Device) interface controller, often used in networking equipment to extract power from an Ethernet cable. It is typically designed to comply with the IEEE 802.3at (PoE+) standard.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Standard Compliance** | IEEE 802.3af / 802.3at (PoE+) |
| **Input Voltage Range** | 37V to 57V (Standard PoE Range) |
| **Output Power** | Up to 25.5W - 30W |
| **Package Type** | SOP-8 or DFN-10 (depending on variant) |
| **Internal MOSFET** | Integrated Hot-Swap MOSFET |
---
### 2. Core Electronic Components & Functions
The PS5025G integrates several critical stages of a PoE power supply into a single chip:
#### A. Detection and Classification
Before the Power Sourcing Equipment (PSE) sends high voltage, the PS5025G provides:
* **Detection Signature:** A 25kΩ resistance that tells the switch "I am a PoE device."
* **Classification:** It signals its power class (Class 4 for PoE+) so the switch allocates enough wattage.
#### B. Integrated Hot-Swap MOSFET
To prevent inrush current from damaging the circuitry when the Ethernet cable is plugged in, the chip contains a high-voltage power MOSFET. This manages the gradual ramp-up of power to the downstream DC-DC converter.
#### C. Protection Circuitry
The chip includes internal safety mechanisms:
* **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the voltage is high enough.
* **Thermal Shutdown:** Shuts down the device if it overheats due to excessive load.
* **Current Limiting:** Protects against short circuits.
---
### 3. Typical Application Circuit Block
To build a functional power supply using the PS5025G, you typically need the following external components:
```mermaid
graph LR
A[RJ45 Ethernet Port] --> B[Bridge Rectifiers]
B --> C[PS5025G Controller]
C --> D[DC-DC Converter/Transformer]
D --> E[Output 5V/12V DC]
```
1. **Bridge Rectifiers:** Since PoE can be sent over different wire pairs and polarities, external diode bridges are required at the input.
2. **Smoothing Capacitor:** A bulk capacitor at the input to stabilize the DC voltage.
3. **DC-DC Stage:** Usually a Flyback or Buck converter to step down the 48V PoE voltage to 5V or 12V for the end device (like a camera or VOIP phone).
---
### 4. Common Use Cases
* **IP Security Cameras:** Specifically those requiring PTZ (Pan-Tilt-Zoom) functions that need more than 15W.
* **Wireless Access Points:** Dual-band high-speed routers.
* **VoIP Phones:** Advanced models with large color displays.
- ⤷
What is the difference between PS5025G and a standard IEEE 802.3af controller?
- ⤷ What external components are required to complete a 12V output circuit with this chip?
- ⤷ Can the PS5025G handle Passive PoE inputs?