Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PS83-501A-R2

  • AI
    The **PS83-501A-R2** is a high-precision digital pressure switch manufactured by **Nidec Components** (formerly Copal Electronics). It is designed for industrial automation and monitoring applications. --- ## 1. Technical Specifications The part number breaks down into specific technical characteristics: | Feature | Specification | | :--- | :--- | | **Pressure Range** | -0.1 to 0.5 MPa (Gauge Pressure) | | **Output Type** | NPN Open Collector (2 Outputs) | | **Pressure Port** | R2 (R 1/4 thread) | | **Accuracy** | ±3% F.S. (Full Scale) | | **Power Supply** | 12 to 24 V DC ±10% | | **Display** | 3.5 digit LED | --- ## 2. Key Electronic Components & Functions Inside the PS83-501A-R2, several critical electronic subsystems work together to convert physical pressure into a digital signal: ### A. Diffused Silicon Pressure Transducer At the heart of the device is a **semiconductor strain gauge**. * **Function:** When pressure is applied, the silicon diaphragm deforms, changing the electrical resistance (piezoresistive effect). * **Benefit:** High sensitivity and excellent long-term stability. ### B. Signal Conditioning Circuitry The raw analog signal from the sensor is very weak. The internal electronics include: * **Instrumentation Amplifier:** Boosts the millivolt signal from the sensor. * **Temperature Compensation:** Corrects for errors caused by fluctuations in environmental temperature. ### C. Microcontroller (MCU) & ADC * **Analog-to-Digital Converter (ADC):** Converts the amplified voltage into a digital value. * **Control Logic:** Compares the current pressure value against user-defined "Set Points." ### D. Output Driver (NPN Open Collector) This is the interface to external equipment (like a PLC). * **Electronic Switch:** It acts like a switch that connects the load to the ground (0V) when the set pressure is reached. * **Protection:** Usually includes diode protection against inductive kicks from relays. --- ## 3. Connection Pinout The device typically utilizes a 4-wire configuration: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc | Power supply (+) 12-24V | | **Blue** | GND | Power supply (Common) | | **Black** | Output 1 | NPN Open Collector Output | | **White** | Output 2 | NPN Open Collector Output | --- ## 4. Operational Features 1. **Hysteresis Mode:** Prevents "chattering" (rapid switching) when the pressure fluctuates near the set point. 2. **Window Comparator Mode:** Allows the user to set a range (High/Low) where the output remains active. 3. **Pressure Unit Selection:** Depending on the firmware, it may allow switching between units (kPa, MPa, bar).
    ✨ Follow-up Questions
    • ⤷ How do I wire an NPN output sensor to a PLC with PNP inputs?
    • ⤷ What is the difference between gauge pressure and absolute pressure in this model?
    • ⤷ What are the common failure modes for piezoresistive pressure sensors?