Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • PSJSOSOOB

  • AI
    It appears you are referring to the **PSJ-S0-S00-B**, which is a specific model of an **AC/DC Power Supply Module** (often associated with manufacturers like Delta or HP for server and telecommunications infrastructure). These units are high-efficiency switching power supplies designed to convert high-voltage AC input into stable DC output for electronic components. --- ## 🚩 Key Electronic Components of the PSJ-S0-S00-B The internal architecture of this power module consists of several critical stages: ### 1. Input Protection & Filtering (EMI Stage) This section ensures the device doesn't interfere with other electronics and protects the unit from power surges. * **Varistors (MOV):** Protects against voltage spikes. * **X/Y Capacitors & Common Mode Chokes:** Filter out Electromagnetic Interference (EMI). * **Fuses:** Sacrificial components that break the circuit during a short circuit. ### 2. Rectification and PFC (Power Factor Correction) This stage converts AC to DC and ensures the power is used efficiently. * **Bridge Rectifier:** Converts AC sine waves into pulsating DC. * **PFC Controller:** An integrated circuit (IC) that aligns the current wave with the voltage wave to reduce power waste. * **Boost Inductor:** Stores energy to step up the voltage for the next stage. ### 3. DC-DC Conversion (Switching Stage) This is the heart of the "Switch Mode" power supply. * **MOSFETs (Transistors):** High-speed switches that turn the DC on and off thousands of times per second. * **Main Transformer:** Uses the high-frequency switching to step down the high voltage to the required output level (usually 12V or 54V). * **Optocouplers:** Provide electrical isolation between the high-voltage input and the low-voltage output for safety. ### 4. Output Filtering & Management Ensures the power delivered to the motherboard or server is "clean." * **Schottky Diodes/Synchronous Rectifiers:** Convert the transformer output back to steady DC. * **Electrolytic & Polymer Capacitors:** Smooth out any remaining voltage ripple. * **Control IC/MCU:** Monitors temperature, voltage, and current, communicating status via the **I2C or PMBus** protocol. --- ## 📊 Technical Specifications Summary | Feature | Typical Value | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Cooling** | Internal Fan (Speed-controlled) | | **Communication** | PMBus / I2C for telemetry | | **Efficiency Rating** | Usually 80 PLUS Platinum or Titanium | | **Protection** | OVP (Over Voltage), OCP (Over Current), OTP (Over Temp) | --- ## 🛠 Usage and Replacement The **PSJ-S0-S00-B** is typically a **Hot-Pluggable** unit. This means it can be replaced while the system is running without causing a shutdown, provided there is a redundant power supply installed. If this part fails, the most common symptoms are: 1. **Status LED:** Turning Amber or Red. 2. **Fan Failure:** The internal fan stops spinning or makes loud grinding noises. 3. **System Logs:** "Power Supply Loss of Redundancy" errors in the server management console.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage output for the PSJ-S0-S00-B model?
    • ⤷ How do I troubleshoot a 'Power Supply Fault' LED on this unit?
    • ⤷ Which server models are compatible with this specific power supply?