PT8300-R
AI

The **PT8300-R** is an advanced electronic component primarily used as a **linear position transducer** (specifically a cable-extension transducer, often called a "string pot"). It is designed for industrial and aerospace applications where precise linear displacement measurement is required.
---
## 1. Core Technical Specifications
The "R" suffix typically denotes a specific variation in mounting or resolution, but the base series shares these fundamental electronic characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Sensor Element** | Conductive Plastic Potentiometer |
| **Output Signal** | Analog (Voltage Divider / 0-10V / 4-20mA) |
| **Input Voltage** | Up to 30V DC (max) |
| **Resolution** | Essentially Infinite |
| **Repeatability** | ± 0.02% of Full Scale |
| **Enclosure Rating** | IP67 / NEMA 6 |
---
## 2. Key Electronic Components
### A. Precision Potentiometer
At the heart of the PT8300-R is a high-cycle, conductive plastic potentiometer.
- **Function:** As the stainless steel cable is pulled, it rotates a drum connected to the potentiometer shaft.
- **Benefit:** Provides a linear change in resistance proportional to the cable extension.
### B. Signal Conditioning (Optional)
Depending on the specific sub-model ordered, the internal electronics may include:
- **Voltage Regulator:** To stabilize fluctuating input voltages.
- **4-20mA Transmitter:** Converts the resistance value into a current loop signal, ideal for long-distance transmission with low noise interference.
- **Digital Encoders:** Some versions replace the analog pot with an incremental or absolute encoder for digital communication (e.g., CANbus or RS232).
### C. Electrical Interconnects
The device usually features a multi-pin connector (like an **MS-Connector** or **M12**) or a shielded high-flex cable.
- **Shielding:** Crucial for preventing Electromagnetic Interference (EMI) from affecting the analog signal.
---
## 3. Wiring Diagram (Typical Analog)
The standard 3-wire potentiometer configuration is as follows:
```yaml
Pin 1: Input Voltage (+) - Excitation
Pin 2: Output Signal - Wiper/Signal
Pin 3: Common - Ground/Return
```
---
## 4. Operational Environment
Because the PT8300-R is often used in harsh environments, its electronic housing is engineered for:
* **Operating Temperature:** -40° to 90°C (-40° to 200°F).
* **Vibration Resistance:** High-tolerance internal soldering to prevent fatigue.
* **Hazardous Area Certification:** Some variants are rated as intrinsically safe (Ex) when used with appropriate barriers.
- ⤷
What are the specific output signal options available for the PT8300-R?
- ⤷ How do I calibrate the zero and span points on this transducer?
- ⤷ What is the difference between the PT8300-R and the standard PT8300 series?