PV36W503C01B00
AI

The **PV36W503C01B00** is a high-precision electronic component categorized as a **Trimmer Potentiometer**. It is manufactured by **Murata Electronics** and is widely used for fine-tuning resistance in electronic circuits.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Series** | PV36 |
| **Resistance Value** | 50 kΩ (503 code) |
| **Resistance Tolerance** | ±10% |
| **Power Rating** | 0.5W (1/2 Watt) at 70°C |
| **Adjustment Type** | Top Adjustment (Multi-turn) |
| **Number of Turns** | 25 Turns (Lead Screw) |
| **Mounting Type** | Through-Hole |
| **Termination Style** | PC Pins |
| **Temperature Coefficient** | ±100ppm/°C |
---
## 2. Breakdown of the Part Number
To understand the exact variant, the part number can be decoded as follows:
- **PV36**: Series identifier (9.6mm Square, Multiturn).
- **W**: Style/Configuration (Top adjustment, Lead pins arranged in a "W" pattern/inline).
- **503**: Resistance code (50 followed by 3 zeros = 50,000Ω or **50kΩ**).
- **C01**: Internal design/Material specification (Standard Cermet).
- **B00**: Packaging code (Bulk).
---
## 3. Key Features
### A. Cermet Element
It uses a **Cermet** (Ceramic-Metal) resistive element. Cermet provides excellent stability, a low temperature coefficient, and high durability compared to standard carbon potentiometers.
### B. Multi-turn Precision
With **25 turns** to go from minimum to maximum resistance, this component allows for extremely fine tuning. This is critical for applications like voltage regulation or sensor calibration.
### C. Sealing
The PV36 series is typically **sealed** to withstand industrial soldering processes and board washing (IP64 equivalent). This prevents flux and contaminants from entering the resistive track.
---
## 4. Typical Applications
* **Power Supplies:** Adjusting output voltage levels.
* **Instrumentation:** Calibrating sensors or gain in operational amplifiers.
* **Telecommunications:** Fine-tuning signal frequencies or offsets.
* **Industrial Controls:** Setting threshold levels for comparators.
---
- ⤷
What is the difference between the 'W' and 'X' mounting styles in the PV36 series?
- ⤷ Can this potentiometer be used in high-vibration environments?
- ⤷ What are the recommended soldering temperature profiles for this component?